Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010AMH/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5010AMH/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010AMH/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5010AMH/NOPB Datasheet HTML 15Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 16Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 17Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 18Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 19Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 20Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 21Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 22Page - Texas Instruments LM5010AMH/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
IPK =
RCL
1.5A x (150 m: + RCL)
+ IOR(MAX)
RCL =
1.0A x 0.11:
IPK- - 1.0A
IPK- = IO(max) -
2
IOR(min)
SW
FB
VOUT
R2
LM5010A
R1
C2
L1
CB
CA
RA
19
LM5010A, LM5010A-Q1
www.ti.com
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
In Figure 14, Cff is added across R1 to AC-couple the ripple at VOUT directly to the FB pin. This allows the ripple
at VOUT to be reduced, in some cases considerably, by reducing R3. In the circuit of Figure 11, the ripple at VOUT
ranged from 50 mVp-p at VIN = 6 V to 320 mVp-p at VIN = 60 V. By adding a 1000 pF capacitor at Cff and
reducing R3 to 0.75
Ω, the VOUT ripple was reduced by 50%, ranging from 25 mVp-p to 160 mVp-p.
Figure 15. Low Output Ripple Using Ripple Injection
To reduce VOUT ripple further, the circuit of Figure 15 can be used. R3 has been removed, and the output ripple
amplitude is determined by C2’s ESR and the inductor ripple current. RA and CA are chosen to generate a 40 to
50 mVp-p sawtooth at their junction, and that voltage is AC-coupled to the FB pin via CB. In selecting RA and
CA, VOUT is considered a virtual ground as the SW pin switches between VIN and –1 V. Since the ON-time at SW
varies inversely with VIN, the waveform amplitude at the RA and CA junction is relatively constant. R1 and R2
must typically be increased to more than 10k each to not significantly attenuate the signal provided to FB through
CB. Typical values for the additional components are RA = 200 k, CA = 680 pF, and CB = 0.01 µF.
8.2.2.3 Increasing The Current Limit Threshold
The current limit threshold is nominally 1.25 A, with a minimum value of 1 A. If, at maximum load current, the
lower peak of the inductor current (IPK- in Figure 12) exceeds 1 A, resistor RCL must be added between SGND and
ISEN to increase the current limit threshold to be equal or exceed that lower peak current. This resistor diverts
some of the recirculating current from the internal sense resistor so that a higher current level is needed to switch
the internal current limit comparator. Calculate IPK- with Equation 24.
where
•
IO(max) is the maximum load current
•
IOR(min) is the minimum ripple current calculated using Equation 20
(24)
RCL is calculated from Equation 25.
where
•
0.11
Ω is the minimum value of the internal resistance from SGND to ISEN
(25)
The next smaller standard value resistor must be used for RCL. With the addition of RCL, and when the circuit is in
current limit, the upper peak current out of the SW pin (IPK in Figure 9) can be as high as Equation 26.
where
•
IOR(max) is calculated using Equation 14
(26)
The inductor L1 and diode D1 must be rated for this current. If IPK exceeds 2 A , the inductor value must be
increased to reduce the ripple amplitude. This will necessitate recalculation of IOR(min), IPK-, and RCL.
Increasing the circuit’s current limit will increase power dissipation and the junction temperature within the
LM5010Ax. See Layout Guidelines for guidelines on this issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com