Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010AMHX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5010AMHX/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010AMHX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM5010AMHX/NOPB Datasheet HTML 1Page - Texas Instruments LM5010AMHX/NOPB Datasheet HTML 2Page - Texas Instruments LM5010AMHX/NOPB Datasheet HTML 3Page - Texas Instruments LM5010AMHX/NOPB Datasheet HTML 4Page - Texas Instruments LM5010AMHX/NOPB Datasheet HTML 5Page - Texas Instruments LM5010AMHX/NOPB Datasheet HTML 6Page - Texas Instruments LM5010AMHX/NOPB Datasheet HTML 7Page - Texas Instruments LM5010AMHX/NOPB Datasheet HTML 8Page - Texas Instruments LM5010AMHX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
LM5010A, LM5010A-Q1
www.ti.com
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Thermal Information
THERMAL METRIC(1)
LM5010A, LM5010A-Q1
UNIT
DPR (WSON)
PWP (HTSSOP)
10 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
36
41.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.9
26.5
°C/W
RθJB
Junction-to-board thermal resistance
13.2
22.5
°C/W
ψJT
Junction-to-top characterization parameter
0.3
0.7
°C/W
ψJB
Junction-to-board characterization parameter
13.5
22.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3
3.3
°C/W
(1)
All minimum and maximum limits are specified by correlating the electrical characteristics to process and temperature variations and
applying statistical process control.
6.6 Electrical Characteristics
Typical values correspond to TJ = 25°C, minimum and maximum limits apply over TJ = –40°C to 125°C, VIN = 48 V, and
RON = 200 kΩ (unless otherwise noted).
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC REGULATOR
VCCReg
VCC regulated output
6.6
7
7.4
V
VIN - VCC
ICC = 0 mA, FS < 200 kHz,
6 V
≤ VIN ≤ 8.5 V
100
mV
VCC Bypass threshold
VIN increasing
8.9
V
VCC Bypass hysteresis
VIN decreasing
260
mV
VCC Output impedance
(0 mA
≤ ICC ≤ 5 mA)
VIN = 6 V
55
Ω
VIN = 8 V
50
VIN = 48 V
0.21
VCC Current limit
VIN = 48 V, VCC = 0 V
15
mA
UVLOVCC VCC undervoltage lockout threshold
VCC increasing
5.25
V
UVLOVCC hysteresis
VCC decreasing
180
mV
UVLOVCC filter delay
100 mV overdrive
3
µs
IIN Operating current
Non-switching, FB = 3 V
675
950
µA
IIN Shutdown current
RON/SD = 0 V
100
200
µA
SOFT-START PIN
ISS
Internal current source
8
11.5
15
µA
CURRENT LIMIT
ILIM
Threshold
Current out of ISEN
1
1.25
1.5
A
Resistance from ISEN to SGND
130
m
Ω
Response time
150
ns
ON TIMER, RON/SD PIN
Shutdown threshold
Voltage at RON/SD rising
0.3
0.7
1.05
V
Threshold hysteresis
40
mV
REGULATION AND OVER-VOLTAGE COMPARATORS (FB PIN)
VREF
FB regulation threshold
TJ ≤ 125°C
2.445
2.5
2.55
V
TJ ≤ 150°C,
over full operating junction
temperature range
2.435
2.44
FB overvoltage threshold
2.9
V
FB bias current
1
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com