Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010ASDX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5010ASDX/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010ASDX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5010ASDX/NOPB Datasheet HTML 13Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 14Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 15Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 16Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 17Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 18Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 19Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 20Page - Texas Instruments LM5010ASDX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ESR(min) =
34.5 mA
50 mV
= 1.45:
IOR(min) =
L1max x FS(max) x VIN(min)
VOUT x (VIN(min) - VOUT)
120 PH x 201 kHz x 6V
5V x (6V - 5V)
= 34.5 mAp-p
=
C1 =
'V
IO x tON
= 13 PF
0.5V
1.0A x 6.5 Ps
=
tON(max) =
6V - 1.4V
1.18 x 10
-10
x (200k + 1.4k)
+ 67 ns x 1.25 = 6.5 Ps
17
LM5010A, LM5010A-Q1
www.ti.com
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8.2.2.1.5
C1
This capacitor limits the ripple voltage at VIN resulting from the source impedance of the supply feeding this
circuit, and the on and off nature of the switch current into VIN. At maximum load current, when the buck switch
turns on, the current into VIN steps up from zero to the lower peak of the inductor current waveform (IPK- in
Figure 12), ramps up to the peak value (IPK+), then drops to zero at turnoff. The average current into VIN during
this ON-time is the load current. For a worst case calculation, C1 must supply this average current during the
maximum ON-time. The maximum ON-time is calculated at VIN = 6 V using Equation 5, with a 25% tolerance
added in Equation 17.
(17)
The voltage at VIN should not be allowed to drop below 5.5 V in order to maintain VCC above its UVLO as in
Equation 18.
(18)
Normally a lower value can be used for C1 since the above calculation is a worst case calculation which
assumes the power source has a high source impedance. A quality ceramic capacitor with a low ESR should be
used for C1.
8.2.2.1.6
C2 and R3
Since the LM5010Ax requires a minimum of 25 mVp-p of ripple at the FB pin for proper operation, the required
ripple at VOUT is increased by R1 and R2, and is equal to Equation 19.
VRIPPLE = 25 mVp-p x (R1 + R2) / R2 = 50 mVp-p
(19)
This necessary ripple voltage is created by the inductor ripple current acting on C2’s ESR + R3. First, the
minimum ripple current is determined which occurs at minimum VIN, maximum inductor value, and calculate the
maximum frequency with Equation 20.
(20)
The minimum ESR for C2 is then equal to Equation 21.
(21)
If the capacitor used for C2 does not have sufficient ESR, R3 is added in series as shown in the Block Diagram.
The value chosen for C2 is application dependent, and it is recommended that it be no smaller than 3.3 µF. C2
affects the ripple at VOUT, and transient response. Experimentation is usually necessary to determine the
optimum value for C2.
8.2.2.1.7
C3
The capacitor at the VCC pin provides noise filtering and stability, prevents false triggering of the VCC UVLO at
the buck switch ON and OFF transitions, and limits the peak voltage at VCC when a high voltage with a short rise
time is initially applied at VIN. C3 should be no smaller than 0.47 µF, and must be a good quality, low ESR,
ceramic capacitor, physically close to the IC pins.
8.2.2.1.8
C4
The recommended value for C4 is 0.022 µF. A high quality ceramic capacitor with low ESR is recommended as
C4 supplies the surge current to charge the buck switch gate at each turnon. A low ESR also ensures a
complete recharge during each OFF-time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com