Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035C Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5035C
Description  LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035C Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5035C Datasheet HTML 4Page - Texas Instruments LM5035C Datasheet HTML 5Page - Texas Instruments LM5035C Datasheet HTML 6Page - Texas Instruments LM5035C Datasheet HTML 7Page - Texas Instruments LM5035C Datasheet HTML 8Page - Texas Instruments LM5035C Datasheet HTML 9Page - Texas Instruments LM5035C Datasheet HTML 10Page - Texas Instruments LM5035C Datasheet HTML 11Page - Texas Instruments LM5035C Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
-40
0
40
80
120
390
395
400
405
410
TEMPERATURE (ºC)
RRT = 15k
-40
0
40
80
120
80
84
88
92
96
100
104
108
112
116
120
TEMPERATURE (ºC)
30
29
28
27
26
25
24
23
22
21
20
SOFT-START
SOFT-STOP
RESTART
0
5
10
15
20
25
0
1
2
3
4
5
6
IREF (mA)
0
10
20
30
40
50
0
100
200
300
400
500
600
700
800
900
1000
RRT (k:)
VVCC
VVIN (V)
0
5
10
15
20
0
1
2
3
4
5
6
7
8
VREF
10
20
30
40
50
60
70
IVCC (mA)
0
1
2
3
4
5
6
7
8
LM5035B
SNVS613C – JULY 2009 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
VVCC and VREF
VVCC
vs
vs
VVIN
IVCC
Figure 3.
Figure 4.
VREF
Frequency
vs
vs
IREF
RT
Figure 5.
Figure 6.
Oscillator Frequency
Soft-Start & Stop Current
vs
vs
Temperature
Temperature
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5035B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com