Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5134AMF/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5134AMF/NOPB
Description  LM5134 Single 7.6-A Peak Current Low-Side Gate Driver With a PILOT Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5134AMF/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5134AMF/NOPB Datasheet HTML 12Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 13Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 14Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 15Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 16Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 17Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 18Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 19Page - Texas Instruments LM5134AMF/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
LM5134
SNVS808C – MAY 2012 – REVISED FEBRURARY 2016
www.ti.com
Product Folder Links: LM5134
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
The speed at which the drain node rises during turnoff is typically dictated by the current in the inductor at
turnoff, and thus is not dependent on the turnoff current of the drive circuit. However, depending on the amount
of current flowing through the drain to gate capacitance of the MOSFET as the drain voltage rises and the
impedance to ground of the drive circuit, it is possible for the gate voltage to exceed the threshold voltage of the
FET and turn the FET back on, known as a false turnon.
For these reasons, turn the FET off as fast as possible. The LM5134 allows the flexibility of different turnon and
turnoff speeds, and avoids false turnon by providing a pilot output to drive a small pulldown MosFET, which can
be placed close to the main FET and reduces the impedance from gate to ground on turnoff.
Using the example of a power MOSFET, the system requirement for the switching speed is typically described in
terms of the slew rate of the drain-to-source voltage of the power MOSFET (such as dV/dt). For example, the
system requirement might state that a SPP20N60C3 power MOSFET must be turned on with a dV/dt of 20 V/ns
or higher, under a DC bus voltage of 400 V in a continuous-conduction-mode (CCM) boost PFC converter
application. This type of application is an inductive hard-switching application, and reducing switching power
losses is critical. This requirement means that the entire drain-to-source voltage swing during power MOSFET
turnon event (from 400 V in the OFF state to V DS(on) in on state) must be completed in approximately 20 ns or
less. When the drain-to-source voltage swing occurs, the Miller charge of the power MOSFET (QGD parameter
in SPP20N60C3 power MOSFET data sheet = 33 nC typical) is supplied by the peak current of gate driver.
According to the power MOSFET inductive switching mechanism, the gate-to-source voltage of the power
MOSFET at this time is the Miller plateau voltage, which is typically a few volts higher than the threshold voltage
of the power MOSFET, VGS(TH). To achieve the targeted dV/dt, the gate driver must be capable of providing the
QGD charge in 20 ns or less. In other words, a peak current of 1.65 A (= 33 nC / 20 ns) or higher must be
provided by the gate driver. The LM5134 gate driver is capable of providing 4.5-A peak sourcing current, which
exceeds the design requirement and has the capability to meet the switching speed needed. The 2.7x overdrive
capability provides an extra margin against part-to-part variations in the QGD parameter of the power MOSFET,
along with additional flexibility to insert external gate resistors and fine tune the switching speed for efficiency
versus EMI optimizations.
However, in practical designs the parasitic trace inductance in the gate drive circuit of the PCB will have a
definitive role to play on the power MOSFET switching speed. The effect of this trace inductance is to limit the
dI/dt of the output current pulse of the gate driver. To illustrate this, consider output current pulse waveform from
the gate driver to be approximated to a triangular profile, where the area under the triangle ( ½ × I PEAK × time)
would equal the total gate charge of the power MOSFET (QG parameter in SPP20N60C3 power MOSFET
datasheet = 87 nC typical). If the parasitic trace inductance limits the dI/dt, then a situation may occur in which
the full peak current capability of the gate driver is not fully achieved in the time required to deliver the QG
required for the power MOSFET switching. In other words, the time parameter in the equation would dominate
and the I PEAK value of the current pulse would be much less than the true peak current capability of the device,
while the required QG is still delivered. Because of this, the desired switching speed may not be realized, even
when theoretical calculations indicate the gate driver is capable of achieving the targeted switching speed. Thus,
placing the gate driver device very close to the power MOSFET and designing a tight gate drive-loop with
minimal PCB trace inductance is important to realize the full peak-current capability of the gate driver.
The LM5134 is capable of driving a small FET local to the Gate of the main MOSFET to reduce the impact of this
parasitic inductance and achieve the high dV/dt required on turnoff. The nominal gate voltage plateau of the
SPP20N60C3 is given as 5.5 V. Thus to achieve the required sink current of 1.65 A would require an Rds_on of
3.3
Ω for the pilot FET. Lower on resistance gives further margin in the turnoff speed as described above, and
reduces the potential for false turnon.
8.2.2.5
Enable and Disable Function
Certain applications demand independent control of the output state of the driver, without involving the input
signal. A pin offering an enable and disable function achieves this requirement. The LM5134 device offers two
input pins, IN+ and IN – , both of which control the state of the output as listed in Table 2. Based on whether an
inverting or noninverting input signal is provided to the driver, the appropriate input pin can be selected as the
primary input for controlling the gate driver. The other unused input pin can be used for the enable and disable
functionality. If the design does not require an enable function, the unused input pin can be tied to either the VDD
pin (in case IN+ is the unused pin), or GND (in case IN – is unused pin) to ensure it does not affect the output
status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com