Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5134ASDX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5134ASDX/NOPB
Description  LM5134 Single 7.6-A Peak Current Low-Side Gate Driver With a PILOT Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5134ASDX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5134ASDX/NOPB Datasheet HTML 17Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 18Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 19Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 20Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 21Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 22Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 23Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 24Page - Texas Instruments LM5134ASDX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM5134AMF/NOPB
Active
Production
SOT-23 (DBV) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SK7A
LM5134AMF/NOPB.A
Active
Production
SOT-23 (DBV) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SK7A
LM5134AMFX/NOPB
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SK7A
LM5134AMFX/NOPB.A
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SK7A
LM5134ASD/NOPB
Active
Production
WSON (NGG) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
5134A
LM5134ASD/NOPB.A
Active
Production
WSON (NGG) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
5134A
LM5134ASDX/NOPB
Active
Production
WSON (NGG) | 6
4500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
5134A
LM5134ASDX/NOPB.A
Active
Production
WSON (NGG) | 6
4500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
5134A
LM5134BMF/NOPB
Active
Production
SOT-23 (DBV) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SK7B
LM5134BMF/NOPB.A
Active
Production
SOT-23 (DBV) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SK7B
LM5134BMFX/NOPB
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SK7B
LM5134BMFX/NOPB.A
Active
Production
SOT-23 (DBV) | 6
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
SK7B
LM5134BSD/NOPB
Active
Production
WSON (NGG) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
5134B
LM5134BSD/NOPB.A
Active
Production
WSON (NGG) | 6
1000 | SMALL T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
5134B
LM5134BSDX/NOPB
Active
Production
WSON (NGG) | 6
4500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
5134B
LM5134BSDX/NOPB.A
Active
Production
WSON (NGG) | 6
4500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
5134B
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com