Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6152ACM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM6152ACM/NOPB
Description  LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6152ACM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM6152ACM/NOPB Datasheet HTML 10Page - Texas Instruments LM6152ACM/NOPB Datasheet HTML 11Page - Texas Instruments LM6152ACM/NOPB Datasheet HTML 12Page - Texas Instruments LM6152ACM/NOPB Datasheet HTML 13Page - Texas Instruments LM6152ACM/NOPB Datasheet HTML 14Page - Texas Instruments LM6152ACM/NOPB Datasheet HTML 15Page - Texas Instruments LM6152ACM/NOPB Datasheet HTML 16Page - Texas Instruments LM6152ACM/NOPB Datasheet HTML 17Page - Texas Instruments LM6152ACM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LM6152, LM6154
SNOS752E – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
7 Application and Implementation
The LM6152/LM6154 is ideally suited for operation with about 10 k
Ω (Feedback Resistor, RF) between the output
and the negative input terminal.
With RF set to this value, for most applications requiring a close loop gain of 10 or less, an additional small
compensation capacitor (CF) (see Figure 26) is recommended across RF in order to achieve a reasonable
overshoot (10%) at the output by compensating for stray capacitance across the inputs.
The optimum value for CF can best be established experimentally with a trimmer cap in place since its value is
dependant on the supply voltage, output driving load, and the operating gain. Below, some typical values used in
an inverting configuration and driving a 10 k
Ω load have been tabulated for reference:
Table 1. Typical BW (
−3 dB) at Various
Supply Voltage and Gains
VS
CF
BW (
−3 dB)
GAIN
Volts
pF
MHz
−1
5.6
4
3
−10
6.8
1.97
−100
None
0.797
−1
2.2
6.6
24
−10
4.7
2.2
−100
None
0.962
In the non-inverting configuration, the LM6152/LM6154 can be used for closed loop gains of +2 and above. In
this case, also, the compensation capacitor (CF) is recommended across RF (= 10 kΩ) for gains of 10 or less.
Figure 26. Typical Inverting Gain Circuit AV = −1
Because of the unique structure of this amplifier, when used at low closed loop gains, the realizable BW will be
much less than the GBW product would suggest.
The LM6152/LM6154 brings a new level of ease of use to op amp system design.
The greater than rail-to-rail input voltage range eliminates concern over exceeding the common-mode voltage
range. The rail-to-rail output swing provides the maximum possible dynamic range at the output. This is
particularly important when operating on low supply voltages.
The high gain-bandwidth with low supply current opens new battery powered applications where higher power
consumption previously reduced battery life to unacceptable levels.
The ability to drive large capacitive loads without oscillating functional removes this common problem.
To take advantage of these features, some ideas should be kept in mind.
The LM6152/LM6154, capacitive loads do not lead to oscillations, in all but the most extreme conditions, but they
will result in reduced bandwidth. They also cause increased settling time.
14
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM6152 LM6154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com