Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS115 Datasheet(PDF) 1 Page - Multicomp Pro

Part # SS115
Description  Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SS115 Datasheet(HTML) 1 Page - Multicomp Pro

  SS115 Datasheet HTML 1Page - Multicomp Pro SS115 Datasheet HTML 2Page - Multicomp Pro SS115 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Page <1>
21/08/24
V1.2
Features:
• For surface-mounted applications
• Metal-semiconductor junction with guarding
• Epitaxial construction
• Very low forward voltage drop
• High current capability
• Plastic material has UL flammability classification 94V-0
• For use in low voltage, high-frequency inverters, free
wheeling, and polarity protection applications.
Mechanical Data:
Case
: Molded Plastic
Polarity
: Colour band denotes cathode
Weight
: 0.002 ounces,0.053 grams
Reverse Voltage
: 20 to 150 Volts
Forward Current
: 1 Ampere
Maximum Ratings and Electrical Characteristics:
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
SS12
SS14
SS16
SS110
SS115
Unit
Max. Repetitive Peak Reverse Voltage
Vrrm
20
40
60
100
150
V
Max. RMS Voltage
Vrms
14
28
42
70
105
Max. DC Blocking Voltage
Vdc
20
40
60
100
150
Max. Average Forward
Rectified Current
Tl= 100°C
I(AV)
1
A
Peak Forward Surge Current,
8.3ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
Ifsm
30
Max. Instantaneous Forward Voltage (Note 1)
F = 1A at 25°C
at 100°C
Vf
0.5
0.4
0.75
0.65
0.8
0.7
0.95
0.85
V
Max. DC Reverse Current at
Tj = 25°C
Rated DC Blocking Voltage at
Tj = 125°C
Ir
0.2
-
0.1
2
μA
Typical Junction Capacitance (Note 2)
cj
110
pF
Typical Thermal Resistance (Note 3)
RθJL
28
°C/W
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
Tstg
Notes:
1. Pulse test with
PW=300μs, 1% duty cycle
2. Measured at 1MHz and applied reverse voltage of 4V DC.
3. Thermal resistance junction to lead.


Similar Part No. - SS115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS115 TSC-SS115 Datasheet
137Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS115 TSC-SS115 Datasheet
52Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
SS115 SSC-SS115 Datasheet
195Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS115 TSC-SS115 Datasheet
138Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS115

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com