Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584MT/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM6584MT/NOPB
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MT/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM6584MT/NOPB Datasheet HTML 2Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 3Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 4Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 5Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 6Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 7Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 8Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 9Page - Texas Instruments LM6584MT/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
OUT A
IN A-
IN A+
V
+
IN B+
IN B-
OUT B
1
2
3
4
5
6
7
OUT C
IN C-
IN C+
V
-
IN D+
IN D-
OUT D
8
9
10
11
12
13
14
LM6584
SNOSA44C – MAY 2003 – REVISED MARCH 2013
www.ti.com
5V AC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for at TJ = 25°C, VCM = ½VS and RL = 2kΩ. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
SR
Slew Rate(4)
AV = +1, VIN = 3.5VPP
11
V/
μs
Unity Gain Bandwidth Product
15.3
MHz
−3dB Frequency
AV = +1
24
MHz
Φm
Phase Margin
56
deg
ts
Settling Time (0.1%)
AV = −1, VO = ±1V, RL = 500Ω
270
ns
tp
Propagation Delay
AV = −2, VIN = ±1V, RL = 500Ω
21
ns
HD2
2nd Harmonic Distortion
VOUT = 2VPP
−53
dBc
FIN = 1MHz
(5)
HD3
3rd Harmonic Distortion
VOUT = 2VPP
−40
dBc
FIN = 1MHz
(5)
en
Input-Referred Voltage Noise
f = 10kHz
23
nV/
√Hz
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA. See applications section for information on temperature de-rating of this device.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
Slew Rate is the average of the raising and falling slew rates.
(5)
Harmonics are measured with AV = +2 and RL = 100Ω and VIN = 1VPP to give VOUT = 2VPP.
Connection Diagram
Figure 2. 14-Pin SOIC or TSSOP (Top View)
See D or PW Package
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com