Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC239S8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC239S8
Description  GaAs MMIC SPDT SWITCH DC - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC239S8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC239S8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC239S8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC239S8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC239S8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC239S8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC239S8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8
8 - 97
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Return Loss
Insertion Loss
Isolation
Input 0.1 and 1.0 dB
Compression vs. Control Voltage
Input Third Order
Distortion vs. Control Voltage
HMC239S8 / 239S8E
GaAs MMIC SPDT SWITCH
DC - 2.5 GHz
v02.0805
20
25
30
35
-9
-8
-7
-6
-5
-4
CONTROL VOLTAGE (Vdc)
P1 dB at 900 MHz
P1 dB at 1900 MHz
P0.1 dB at 900 MHz
P0.1 dB at 1900 MHz
45
50
55
-9
-8
-7
-6
-5
-4
CONTROL VOLTAGE (Vdc)
1900 MHz
900 MHz
-3
-2.5
-2
-1.5
-1
-0.5
0
012
3
FREQUENCY (GHz)
-40
-30
-20
-10
0
012
3
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
012
3
FREQUENCY (GHz)
RF1
RF2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com