Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

136 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 136
Description  Ladyadas Electronics Toolkit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

136 Datasheet(HTML) 2 Page - Adafruit Industries

  136 Datasheet HTML 1Page - Adafruit Industries 136 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
o
30W adjustable temperature soldering iron (Model XY258) ‐ with a temperature 
control on the side and indicator LED so you can go from standard to lead‐free to silver 
solder. Comes with a 1/16" tip which is good for through hole and some larger surface 
mount assembly. Note this iron is 120V ONLY, not for use in 220V countries 
o
Soldering stand ‐ a real stand with sponge and double spring prevents your iron from 
'rolling away' or burning a hole in the table. Essential for your safety. 
o
Solder, rosin‐core, 0.031" diameter, 1/4 lb (100g) spool ‐ Standard 60/40 solder for 
electronics work. Most toolkits give you a tiny bit, but this spool will last you for 
months and you won't run out in the middle of your project 
o
Solder sucker ‐ Strangely enough, that's the technical term for this desoldering vacuum 
tool. Useful in cleaning up mistakes, every electrical engineer has one of these on their 
desk. 
o
Solder wick/braid 5ft spool ‐ Used along with the solder sucker to clean up soldering 
messes. Wick really comes in handy when soldering or desoldering surface‐mount 
parts. Even if you don't have the best iron for SMT work, a bit of wick will fix it up. 
o
Panavise Jr ‐ PCB holder and general purpose 360 degree mini‐vise. I use mine every 
day, they are the best thing for holding your circuit board steady, and the soft jaws are 
not conductive so you can do power tests at the same time. 
o
Digital Multimeter ‐ Model 9205B+ is a good‐all‐around basic multimeter. Has a 
continuity tester, DC/AC voltage and current, resistance, transistor and diode/LED test. 
Runs on a 9V battery. 
o
Diagonal cutters  ‐ the best diagonal cutters, these are comfortable to use and have 
strong nippers for perfect trimming of wires and leads. I've used my pair every day for 
years. 
o
Wire strippers ‐ We've upgraded our basic 'adjustable' wire strippers to these multi‐
sized wire strippers. They include: 22‐30 AWG strippers, wire cutters, 'plier' tips, and a 
wire loop. Ground blades for precision cutting. Spring return, comfy molded handles 
and a closing‐lock. 
o
Micro needle‐nose pliers ‐ for bending, forming, holding, squeezing and plying all of 
those little components. 
o
Solid‐core wire, 22AWG, 25ft spools ‐ Three spools! In black, red and yellow. Perfect 
for bread‐boarding and wiring. 
o
Half size solderless breadboard ‐ for prototyping your next project, these breadboards 
can snap together to expand 
o
Bonus! 5V power supply parts pack ‐ DC power jack, protection diode, 7805 1Amp 5V 
regulator, two 25V and 6V bypass capacitors, two 0.1uF ceramic capacitors, red and 
green indicator LEDs and matching resistors. All the parts necessary to power up your 
first electronics project from a wall adapter or batteries. 
Technical Details
 
Revision History:
 
o
As of Aug 14, 2014 we have switched from this 830 multimeter to this 9205+ 
multimeter, until we can get more '830s in stock. 
                                                    https://www.adafruit.com/product/136 8‐1‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com