Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

155 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 155
Description  This high-torque standard servo can rotate approximately 180 degrees
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

155 Datasheet(HTML) 2 Page - Adafruit Industries

  155 Datasheet HTML 1Page - Adafruit Industries 155 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This high-torque standard servo can rotate approximately 180 degrees (90 in each
direction). You can use any servo code, hardware or library to control these servos.
Good for beginners who want to make stuff move without building a motor
controller with feedback & gear box. Comes with 3 horns, as shown. They aren't
the highest quality servo (which is why they are less expensive) and so are not
suggested for hobby planes. We now carry the Tower-Pro SG-5010 but
unfortunately the image isnt updated.
To control with an Arduino, we suggest connecting the orange control wire to pin 9
or 10 and using the Servo library (http://www.arduino.cc/en/Reference/Servo)
included with the Arduino IDE (see here for an example sketch
(http://arduino.cc/en/Tutorial/Sweep)). Position "0" (1.5ms pulse) is middle,
"90" (~2ms pulse) is all the way to the right, "-90" (~1ms pulse) is all the way to the
left.
Page 2 of 2
2/23/2015
http://www.adafruit.com/product/155



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com