Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

169 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 169
Description  Adafruit Industries, Unique & fun DIY electronics and kits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

169 Datasheet(HTML) 2 Page - Adafruit Industries

  169 Datasheet HTML 1Page - Adafruit Industries 169 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tiny little servo can rotate approximately 180 degrees (90 in each direction), and
works just like the standard kinds you're used to but
smaller. You can use any
servo code, hardware or library to control these servos. Good for beginners who
want to make stuff move without building a motor controller with feedback & gear
box, especially since it will fit in small places. Of course, its not nearly as strong as
a standard servo. Works great with the Motor Shield for Arduino or by just wiring
up with the Servo library. Comes with a few horns and hardware.
To control with an Arduino, we suggest connecting the orange control wire to pin 9
or 10 and using the Servo library (http://www.arduino.cc/en/Reference/Servo)
included with the Arduino IDE (see here for an example sketch
(http://arduino.cc/en/Tutorial/Sweep)). Position "0" (1.5ms pulse) is middle,
"90" (~2ms pulse) is all the way to the right, "-90" (~1ms pulse) is all the way to the
left.
Page 2 of 2
2/23/2015
http://www.adafruit.com/product/169



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com