Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5331 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 5331
Description  SURFACE MOUNT BATTERY CLIPS/CONTACTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

5331 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  5331 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.047 [1.19] DIA.
.092 [2.34] DIA.
.662 [16.8]
.250 [6.4]
.050 [1.27]
.369 [9.4]
.312 [7.9]
.200 [5.1]
.092 [2.3]
.593 [15.06]
.359 [9.1]
.569 [14.4]
.156 [4.0] TYP.
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
.200 [5.1]
[2.34]
.040
[1.02]
.258
[6.6]
.047 [1.19] DIA.
.092 [2.34] DIA.
.156 [4.0]
.671 [17.0]
.497
[12.6]
.296
[7.5]
[6.4]
.092
.250
[6.4]
.250
.498 [12.7]
Pad Layout
.092
[2.34]
MIN.
.200 [5.1]
MIN.
.156 [4.0]
MIN. TYP.
.671 [17.0] MIN.
Pad Layout
.092
[2.34]
MIN.
.200 [5.1]
MIN.
.156 [4.0]
MIN. TYP.
.613 [15.6] MIN.
Pad Layout
.360 [9.1]
MIN.
.124
[3.2]
MIN.
•
“Flow-Hole” SMT solder tail design for increased joint strength
•
Tin-Nickel plating is ideal for lead free, high temperature soldering
•
Matte Tin Plate for lower soldering temperatures ideal where other temperature
sensitive components are being used
.055 [1.39]
.250 [6.4]
.093 [2.36]
.124 [3.2]
.047
[1.19]
.187 [4.8]
.226 [5.7]
.187 [4.8]
.320 [8.1]
.192
[4.9]
.266
[6.8]
.400 [10.2]
.064 [1.63] DIA.
.320
[8.1]
Tape & Reel Spec’s: 32mm wide; 16mm pitch; 13 inch reel, (300 pieces per reel)
Tape & Reel Spec’s: 32mm wide; 20mm pitch;
13 inch reel, (250 pieces per reel)
.545
.109 [2.8]
[13.8]
.435
[11.0]
REF.
.300 [7.6]
.200
[5.1]
.098 [2.5] DIA.
.300 [7.6]
• Economical & reliable contacts are ideal for surface mount applications
• Unique spring tension contacts adjust to variations in battery length
• Reliable spring tension contacts assure low contact resistance
• SMT solder tail with “flow-hole” design for increased joint strength
Tape and Reel Spec’s: 24mm wide; 12mm pitch; 13 inch reel (400 pieces per reel)
Tape and Reel Spec’s: 32mm wide; 16mm pitch; 13 inch reel (250 pieces per reel)
[9.9]
.200
[5.1]
.388
.109 [2.8]
.098 [2.5] DIA.
.200 [5.1]
.270
[6.9]
REF.
.300 [7.6]
MATERIAL: .010 (.25) Spring Steel
MATERIAL: .010 (.25) Spring Steel
MATERIAL: .012 (.30) Spring Steel
MATERIAL: .010 (.25) Spring Steel
MATERIAL: .010 (.25) Spring Steel
MATERIAL: .010 (.25) Spring Steel
MATERIAL: .010 (.25) Spring Steel
AVAILABLE ON TAPE AND REEL
.092 [2.33]
.092 [2.34]
DIA. HOLE
.047 [1.19]
DIA. HOLE
.200 [5.1]
.250 [6.4]
.156 [3.96]
(2) PLS
.613 [15.6]
.040 [1.02]
.396 [10.0]
.215 [5.48]
.250 [6.4]
.092 [.2.34]
DIA. HOLE
.466 [11.8]
.285 [7.2]
.047 [1.19]
DIA. HOLE
.200 [5.1]
.092 [2.33]
.156 [4.0]
(2) PLS
.613 [15.6]
.040 [1.02]
Pad Layout
.092
[2.34]
MIN.
.200 [5.1]
MIN.
.156 [4.0]
MIN. TYP.
.662 [16.8] MIN.
Pad Layout
.092
[2.34]
MIN.
.200 [5.1]
MIN.
.156 [4.0]
MIN. TYP.
.613 [15.6] MIN.
Tape & Reel Spec’s: 24mm wide; 16mm pitch; 13 inch reel, (500 pieces per reel)
Tape & Reel Spec’s: 32mm wide; 24mm pitch;
13 inch reel, (150 pieces per reel)
Tape & Reel Spec’s: 32mm wide; 20mm pitch;
13 inch reel, (250 pieces per reel)
AVAILABLE ON TAPE AND REEL
TIN-NICKEL PLATE
MATTE TIN PLATE
CAT. NO. ON TAPE CAT. NO. ON TAPE
BULK
& REEL
BULK
& REEL
50
50TR
550
550TR
TIN-NICKEL PLATE
MATTE TIN PLATE
CAT. NO. ON TAPE CAT. NO. ON TAPE
BULK
& REEL
BULK
& REEL
55
55TR
555
555TR
TIN-NICKEL PLATE
MATTE TIN PLATE
CAT. NO. ON TAPE CAT. NO. ON TAPE
BULK
& REEL
BULK
& REEL
56
56TR
556
556TR
TIN-NICKEL PLATE
MATTE TIN PLATE
CAT. NO. ON TAPE CAT. NO. ON TAPE
BULK
& REEL
BULK
& REEL
53
53TR
553
553TR
TIN-NICKEL PLATE
MATTE TIN PLATE
CAT. NO. ON TAPE CAT. NO. ON TAPE
BULK
& REEL
BULK
& REEL
57
57TR
557
557TR
TIN-NICKEL PLATE
MATTE TIN PLATE
CAT. NO. ON TAPE CAT. NO. ON TAPE
BULK
& REEL
BULK
& REEL
5231
5231TR
5331
5331TR
TIN-NICKEL PLATE
MATTE TIN PLATE
CAT. NO. ON TAPE CAT. NO. ON TAPE
BULK
& REEL
BULK
& REEL
5230
5230TR
5330
5330TR
SURFACE MOUNT BATTERY CLIPS/CONTACTS
8
Refer to page 32 for Battery Contact Layout & Mounting Details
SURFACE MOUNT LEAF-SPRING CONTACTS
“AAAA” • “A27”
“AAA” • “N” • “A23”
“AA” • “CR2” • “A”
“AA” • “CR2” •“A” • “9V”
“AAA” • “AAAA” • “12V” • “N”
M60Section1FRevA4-COLOR 4/4/13 4:21PM Page10


Similar Part No. - 5331

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
5331 KEYSTONE-5331 Datasheet
89Kb / 1P
BATTERY CONTACT, SURFACE MOUNT
7.29.09
logo
Kitronik Ltd
5331 KITRONIK-5331 Datasheet
299Kb / 3P
Compact Motor Driver Board for the Raspberry Pi Pico
logo
Aavid, Thermal Division...
533101B02551G AAVID-533101B02551G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
533102B02551G AAVID-533102B02551G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
logo
Lapp.
53310444 LAPP-53310444 Datasheet
119Kb / 2P
SKINTOP® DIX-M AUTOMATION
08.11.2021
More results

Similar Description - 5331

ManufacturerPart #DatasheetDescription
logo
Littelfuse
254 LITTELFUSE-254 Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
logo
List of Unclassifed Man...
BU2032SM-HD-G ETC2-BU2032SM-HD-G Datasheet
149Kb / 1P
SURFACE MOUNT BATTERY HOLDER FOR CR2032
BU2032SM-JJ-MINI-GTR ETC2-BU2032SM-JJ-MINI-GTR Datasheet
163Kb / 1P
SURFACE MOUNT BATTERY HOLDER FOR CR2032
BAT-HLD-002-SMT-OTL ETC2-BAT-HLD-002-SMT-OTL Datasheet
82Kb / 1P
BATTERY HOLDER OUTLINE CR2016, SURFACE MOUNT
BLP2032SM-GTR ETC2-BLP2032SM-GTR Datasheet
153Kb / 1P
SURFACE MOUNT BATTERY HOLDER FOR CR2032
logo
Keystone Electronics Co...
5231 KEYSTONE-5231 Datasheet
89Kb / 1P
BATTERY CONTACT, SURFACE MOUNT
3.16.98
5331 KEYSTONE-5331 Datasheet
89Kb / 1P
BATTERY CONTACT, SURFACE MOUNT
7.29.09
logo
Linx Technologies
BAT-HLD-002-SMT LINX-BAT-HLD-002-SMT Datasheet
254Kb / 2P
BATTERY HOLDER OUTLINE CR2016, SURFACE MOUNT
2-FEB-12
logo
Adam Technologies, Inc.
BH-128A-5 ADAM-TECH-BH-128A-5 Datasheet
163Kb / 1P
BATTERY HOLDER, SURFACE MOUNT, FOR CR2450, WHITE COLOR
BH-44D-5 ADAM-TECH-BH-44D-5 Datasheet
120Kb / 1P
BATTERY HOLDER, SURFACE MOUNT, FOR CR1220, BROWN COLOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com