Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

424 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 424
Description  Precision screwdriver set (6 pieces)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

424 Datasheet(HTML) 2 Page - Adafruit Industries

  424 Datasheet HTML 1Page - Adafruit Industries 424 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.8mm and 1.4mm). These sizes will open up pretty much any consumer
electronics you come across. We picked this set to carry because it is better
quality than most low cost sets. Instead of thin metal rods, these have
contoured plastic handles with grippy sections to give you good control. The
ends have a rounded plastic 'bead' (instead of a pointy metal hexagon) that will
let you press down with your palm for better torque. They come in a handy
carrying case.
Technical Details
https://www.adafruit.com/product/424 2-6-24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com