Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 641
Description  Stainless Medium Conductive Thread - 3 ply - 18 meter/60 ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

641 Datasheet(HTML) 2 Page - Adafruit Industries

  641 Datasheet HTML 1Page - Adafruit Industries 641 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
After months of searching, we finally have what we consider to be the ultimate
conductive thread. It's thin, strong, smooth, and made completely of 316L stainless
steel. Once you start working with this thread you'll quickly agree its optimal for
any wearables work!
This thread is 3 ply, thicker than every day polyester or cotton thread but still thin
enough to be sewn by hand in medium-eye needles. This may be sew-able by a
sewing machine that can handle 'heavy' thread. Because it is strong and smooth, its
ideal for any wearable/e-textile project. It also has fairly low resistivity, 10 ohms
per foot so you can use it to drive LEDs and other electronic components that use
under ~100mA.
Because it is made of stainless steel fibers, it will not oxidize like silver does: your
projects will not 'stop working' because of oxidation after a few months and its safe
to wash. However, this thread is a little 'stiff', it feels a little like 'waxed thread' and
is not ideal for making iPhone-compatible gloves. If you want to sew conductive
thread into the pads of gloves, check out our thin conductive yarn!
Comes in a small metal (or plastic) bobbin with 18 meters/60 feet wound on. We
also have a version of this thread with only 2 ply.
Page 2 of 2
7/24/2015
http://www.adafruit.com/products/641



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com