Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

787 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 787
Description  Coin Acceptor - Programmable 4 Coin Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

787 Datasheet(HTML) 2 Page - Adafruit Industries

  787 Datasheet HTML 1Page - Adafruit Industries 787 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Your project may be free-as-in-speech, but that doesn't mean it has to be free-as-
in-beer. This handy coin validator/acceptor module is just like the ones you've
seen in arcades. This model has the cool ability to accept up to 4 different coins!
For example, you can program it for 4 different US coins, or European, or Japanese
OR you can have it accept 4 coins from different countries - say a Chinese Yuan,
Japanese Yen, American Quarter and European Euro. First you'll have to program it
with what coins you want it to accept. Any coin from 15mm to 29mm in diameter
can be used. Each coin is assigned a number of pulses, so for example, a nickel
should be 1 pulse, a dime, 2 pulses, a quarter 5 pulses and a half dollar 10 pulses.
When a valid coin is inserted, the output line will pulse for 20-60ms (configurable).
The acceptor looks for diameter, thickness, dropping speed, etc to determine if a
coin is valid.
Comes with the acceptor itself, mounting hardware, and a cable for power/signal.
The coin falls through, you choose how and where to store them.
To program the validator, go through the instruction sheet - you'll need about 20
of each coin to help program the acceptor. After programming, connect a 10K (1K
to 100K is fine) pullup resistor from the white wire to your microcontroller's VCC
line (for Arduino, this is a +5V). Insert different coins, and verify that the coin line
pulses high for about 40 milliseconds the right number of times.
Page 2 of 2
7/27/2015
http://www.adafruit.com/products/787



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com