Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0800366 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0800366
Description  WMS 4,8 (60X9)R - Shrink sleeve
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800366 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0800366 Datasheet HTML 1Page - PHOENIX CONTACT 0800366 Datasheet HTML 2Page - PHOENIX CONTACT 0800366 Datasheet HTML 3Page - PHOENIX CONTACT 0800366 Datasheet HTML 4Page - PHOENIX CONTACT 0800366 Datasheet HTML 5Page - PHOENIX CONTACT 0800366 Datasheet HTML 6Page - PHOENIX CONTACT 0800366 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Notes
Note on application
For the THERMOMARK ROLL, THERMOMARK ROLL 2.0,
THERMOMARK ROLLMASTER 300/600, and THERMOMARK
E.300 (D)/E.600 (D) roll printers, this material can only be
processed outside of the printer using the integrated material
dispenser pack.
Material information
The specified minimum wire diameter of the shrink sleeve refers
to its use as a marking material and does not guarantee any
insulation characteristics once shrunk.
 
Depending on the processed material batch, as well as the
storage and processing conditions, the maximum insertable wire
diameter may be reduced.
Product properties
Product type
Shrink sleeve
Marking
Number of individual labels
250
Number of individual labels per row
1
Identification technology
Thermal transfer for rolls
Dimensions
Width
60 mm
Height
8.4 mm
External dimensions
Outside diameter
1.6 mm ... 4.8 mm
Text field
Text field width
60 mm
Text field height
9 mm
Material specifications
Color
white (RAL 9010)
Material
Polyolefine
Base element material
polyolefine
Shrink rate
3:1
Components
halogen-free
Shrink temperature
> 85 °C
Cable/line
External cable diameter
1.6 mm ... 4.8 mm
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
WMS 4,8 (60X9)R - Shrink sleeve
0800366
https://www.phoenixcontact.com/us/products/0800366
Aug 18, 2025, 7:58AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com