Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27313XMFX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM27313XMFX/NOPB
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27313XMFX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM27313XMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 9Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 10Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 11Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 12Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 13Page - Texas Instruments LM27313XMFX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LM27313
SW
FB
GND
VIN
SHDN
U1
R3
51k
SHDN
GND
5 VIN
C1
2.2 2F
R2
13.3k
CF
220 pF
D1
MBR0520
R1/117k
L1/10 2H
C2
4.7 2F
12V
OUT
260 mA
(TYP)
LM27313, LM27313-Q1
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The device operates with input voltage in the range of 2.7 V to 14 V and provides regulated output voltage. This
device is optimized for high-efficiency operation with minimum number of external components. Also, high
switching frequency allows use of small surface mount components, enabling very small solution size. For
component selection, refer to Detailed Design Procedure.
8.2 Typical Applications
8.2.1 Application Circuit VIN=5.0 V, VOUT=12.0 V, Iload=250 mA
Figure 12. Typical Application Circuit
Figure 13. Efficiency vs. Load Current
8.2.1.1 Design Requirements
The device must be able to operate at any voltage within input voltage range.
Load Current must be defined in order to properly size the inductor, input and output capacitors. The inductor
should be able to handle full expected load current as well as the peak current generated during load transients
and start up. Inrush current at startup will depend on the output capacitor selection. More details are provided in
Detailed Design Procedure.
Device has a shutdown pin (SHDN) that is used to enable and disable device. This pin is active low and should
be tied to VIN if not used in application.
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM27313 LM27313-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com