Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27313XMF/NOPB.B Datasheet(PDF) 1 Page - Texas Instruments

Part # LM27313XMF/NOPB.B
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27313XMF/NOPB.B Datasheet(HTML) 1 Page - Texas Instruments

  LM27313XMF/NOPB.B Datasheet HTML 1Page - Texas Instruments LM27313XMF/NOPB.B Datasheet HTML 2Page - Texas Instruments LM27313XMF/NOPB.B Datasheet HTML 3Page - Texas Instruments LM27313XMF/NOPB.B Datasheet HTML 4Page - Texas Instruments LM27313XMF/NOPB.B Datasheet HTML 5Page - Texas Instruments LM27313XMF/NOPB.B Datasheet HTML 6Page - Texas Instruments LM27313XMF/NOPB.B Datasheet HTML 7Page - Texas Instruments LM27313XMF/NOPB.B Datasheet HTML 8Page - Texas Instruments LM27313XMF/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM27313
SW
FB
GND
VIN
SHDN
U1
R3
51k
SHDN
GND
5 VIN
C1
2.2 2F
R2
13.3k
CF
220 pF
D1
MBR0520
R1/117k
L1/10 2H
C2
4.7 2F
12V
OUT
260 mA
(TYP)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM27313, LM27313-Q1
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
1 Features
3 Description
The LM27313/-Q1 switching regulator is a current-
1
•
LM27313-Q1 is an Automotive-Grade Product that
mode
boost
converter
with
a
fixed
operating
is AEC-Q100 Grade 1 Qualified (–40°C to +125°C
frequency of 1.6 MHz.
Operating Junction Temperature)
The use of the SOT-23 package, made possible by
•
30-V DMOS FET Switch
the minimal losses of the 800-mA switch, and the
•
1.6-MHz Switching Frequency
small inductors and capacitors result in extremely
•
Low RDS(ON) DMOS FET
high power density. The 30-V internal switch makes
these solutions perfect for boosting to voltages of 5 V
•
Switch Current up to 800 mA
to 28 V.
•
Wide Input Voltage Range (2.7 V to 14 V)
This device has a logic-level shutdown pin that can
•
Low Shutdown Current (< 1 µA)
be used to reduce quiescent current and extend
•
5-Lead SOT-23 Package
battery life.
•
Uses Tiny Capacitors and Inductors
Protection is provided through cycle-by-cycle current
•
Cycle-by-Cycle Current Limiting
limiting and thermal shutdown. Internal compensation
•
Internally Compensated
simplifies design and reduces component count.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
White LED Current Source
LM27313
•
PDAs and Palm-Top Computers
SOT-23 (5)
2.90 mm x 1.60 mm
LM27313-Q1
•
Digital Cameras
(1) For all available packages, see the orderable addendum at
•
Portable Phones, Games, and Media Players
the end of the data sheet.
•
GPS Devices
Typical Application Circuit
Efficiency vs. Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM27313XMF/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27313XMF/NOPB TI-LM27313XMF/NOPB Datasheet
1Mb / 25P
LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
More results

Similar Description - LM27313XMF/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731XMF_NOPB TI1-LM2731XMF_NOPB Datasheet
667Kb / 16P
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
LM27313 TI-LM27313_15 Datasheet
1Mb / 25P
LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com