Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49200TLX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM49200TLX/NOPB
Description  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM49200TLX/NOPB Datasheet HTML 3Page - Texas Instruments LM49200TLX/NOPB Datasheet HTML 4Page - Texas Instruments LM49200TLX/NOPB Datasheet HTML 5Page - Texas Instruments LM49200TLX/NOPB Datasheet HTML 6Page - Texas Instruments LM49200TLX/NOPB Datasheet HTML 7Page - Texas Instruments LM49200TLX/NOPB Datasheet HTML 8Page - Texas Instruments LM49200TLX/NOPB Datasheet HTML 9Page - Texas Instruments LM49200TLX/NOPB Datasheet HTML 10Page - Texas Instruments LM49200TLX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
Electrical Characteristics VDD = 5.0V
(1)(2) (continued)
The following specifications apply for VDD = 5.0V, TA = 25°C, all volume controls set to 0dB, unless otherwise specified.
LS = Loudspeaker, HP = Headphone.
LM49200
Units
Parameter
Test Conditions
(Limits)
Typ(3)
Limits(4)
LS output, f = 1kHz,
VREF = VOUT (1%THD+N)
109
dB
Gain = 0dB, A-weighted
LIN & RIN AC terminated
SNR
Signal-to-Noise Ratio
HP output, f = 1kHz,
VREF = VOUT (1%THD+N)
101
dB
Gain = 0dB, A-weighted
LIN & RIN AC terminated
A-weighted, Inputs terminated to AC GND, Output Referred
Right LS only, Mode 1
8
µV
LS: Mode 1
8
µV
LS: Mode 2
11
µV
εOUT
Output Noise
LS: Mode 3
14
µV
HP: Mode 4
8
µV
HP: Mode 8
9
µV
HP: Mode 12
11
µV
VRIPPLE = 200mVP-P, fRIPPLE = 217Hz, CB = 2.2μF
All inputs AC terminated to GND, output referred
LS: Mode 1, RL = 8Ω BTL
90
dB
PSRR
Power Supply Rejection Ratio
LS: Mode 2, RL = 8Ω BTL
70
dB
HP: Mode 4, RL = 32Ω SE
87
dB
HP: Mode 8, RL = 32Ω SE
77
dB
f = 217Hz, VCM = 1VP-P
CMRR
Common-Mode Rejection Ratio
LS: RL = 8Ω BTL, Mode 1
60
dB
HP: RL = 32Ω SE, Mode 4
66
dB
LS: PO = 1W, f = 1kHz, Mode 2
80
dB
XTALK
Crosstalk
HP: PO = 12mW, f = 1kHz, Mode 8
70
dB
Maximum Gain setting
12.5
k
Ω
ZIN
MIN, LIN, and RIN Input Impedance
Maximum Attenuation setting
110
k
Ω
Maximum Gain
18
dB
VOL
Digital Volume Control Range
Maximum Attenuation
–80
dB
VOL
Volume Control Step Size Error
0.2
dB
CB = 2.2μF, HP, Normal Turn-On Mode
29
ms
TWU
Wake-Up Time from Shutdown
CB = 2.2μF, HP, Fast Turn-On Mode
16
ms
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com