Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7660IM/NOPB.B Datasheet(PDF) 10 Page - Texas Instruments

Part # LMC7660IM/NOPB.B
Description  LMC7660 Switched Capacitor Voltage Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC7660IM/NOPB.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC7660IM/NOPB.B Datasheet HTML 6Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 7Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 8Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 9Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 10Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 11Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 12Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 13Page - Texas Instruments LMC7660IM/NOPB.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LMC7660
SNOSBZ9C – APRIL 1997 – REVISED APRIL 2013
www.ti.com
THERMOMETER SPANS 180°C
Using the combined negative and positive multiplier of Figure 20 with an LM35 it is possible to make a
μPower
thermometer that spans a 180°C temperature range. The LM35 temperature sensor has an output sensitivity of
10 mV/°C, while drawing only 50
μA of quiescent current. In order for the LM35 to measure negative
temperatures, a pull down to a negative voltage is required. Figure 20 shows a thermometer circuit for measuring
temperatures from
−55°C to +125°C and requiring only two 1.5V cells. End of battery life can be extended by
replacing the up converter diodes with Schottky's.
REGULATING
−VOUT
It is possible to regulate the output of the LMC7660 and still maintain
μPower performance. This is done by
enclosing the LMC7660 in a loop with a LP2951. The circuit of Figure 21 will regulate Vout to −5V for IL = 10 mA,
and Vin = 6V. For Vin > 7V, the output stays in regulation up to IL = 25 mA. The error flag on pin 5 of the LP2951
sets low when the regulated output at pin 4 drops by about 5%. The LP2951 can be shutdown by taking pin 3
high; the LMC7660 can be shutdown by shorting pin 7 and pin 8.
The LP2951 can be reconfigured to an adjustable type regulator, which means the LMC7660 can give a
regulated output from
−2.0V to −10V dependent on the resistor ratios R1 and R2, as shown in Figure 22, Vref =
1.235V:
(4)
*For lower voltage operation, use Schottky rectifiers
Figure 20.
μPower Thermometer Spans 180°C, and Pulls Only 150 μA
Figure 21. Regulated
−5V with 200 μA Standby Current
10
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LMC7660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com