Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0318RTWR Datasheet(PDF) 21 Page - Texas Instruments

Part # LMH0318RTWR
Description  LMH0318 3 Gbps HD/SD SDI Reclocker with Integrated Cable Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0318RTWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH0318RTWR Datasheet HTML 17Page - Texas Instruments LMH0318RTWR Datasheet HTML 18Page - Texas Instruments LMH0318RTWR Datasheet HTML 19Page - Texas Instruments LMH0318RTWR Datasheet HTML 20Page - Texas Instruments LMH0318RTWR Datasheet HTML 21Page - Texas Instruments LMH0318RTWR Datasheet HTML 22Page - Texas Instruments LMH0318RTWR Datasheet HTML 23Page - Texas Instruments LMH0318RTWR Datasheet HTML 24Page - Texas Instruments LMH0318RTWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
A7
A6
A5
A4
A3
A2
A1
D7
D6
D5
D4
D3
D2
D1
D0
0
tSSSU
tSU
tH
tPH
tPL
tSSH
tSSOF
SS_N
SCK
MOSI
MISO
A0
A7'
A6'
A5'
A4'
A3'
A2'
A1'
D7'
D6'
D5'
D4'
D3'
D2'
D1'
D0'
A0'
R/W'
HiZ
HiZ
todz
LMH0318
www.ti.com
SNLS508 – SEPTEMBER 2015
8.3.7.7 SPI Mode
The SPI (Serial Peripheral Interface) bus standard can be used to control the device. The SPI Mode is enabled
when MODE_SEL Pin 1 is pulled high through the 1-k
Ω resistor. The SPI bus comprises of 4 pins: Pin 2, Pin 3,
Pin 4, and Pin 15:
1. MOSI Pin 4: Master Output Slave Input. Configured as toggling input.
2. MISO Pin 15: Master Input, Slave Output: Configured as a toggling output
3. SS_N Pin 2: Slave Select (active low). Configured as toggling input.
4. SCK Pin 3: Serial clock (output from master). Configured as toggling input.
The maximum operating speed supported on the SPI bus is 20 MHz.
8.3.7.7.1
SPI READ/WRITE Transaction
Each SPI transaction to a single device is 17 bits long and is framed by SS_N asserted low. The MOSI input is
ignored and the MISO output is floated whenever SS_N is de-asserted (High).
The bits are shifted in left-to-right. The first bit is R/W, so it is 1 for reads and 0 for writes. Bits A7-A0 are the 8-bit
register address, and bits D7-D0 are the 8-bit read or write data. The prior SPI command, address, and data are
shifted out on MISO as the current command, address, and data are shifted in on MOSI. In all SPI transactions,
the MISO output signal is enabled asynchronously when SS_N becomes asserted.
R/W
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 8. MOSI Format
8.3.7.7.2
SPI Write Transaction Format
For SPI writes, the R/W bit is 0. SPI write transactions are 17 bits per device, and the command is executed on
the rising edge of SS_N, as shown in Figure 9. The SPI transaction always starts on the rising edge of the clock.
Figure 9. MOSI Write Sequence
0
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
The signal timing for a SPI Write transaction is shown in Figure 10. The “prime” values on MISO (for example,
A7
‟) reflect the contents of the shift register from the previous SPI transaction, and are a "don’t-care" for the
current transaction.
Figure 10. Signal Timing for a SPI Write Transaction
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH0318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com