Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1981MT/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH1981MT/NOPB
Description  LMH1981 Multi-Format Video Sync Separator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH1981MT/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH1981MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 9Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 10Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 11Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 12Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 13Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 14Page - Texas Instruments LMH1981MT/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LMH1981
www.ti.com
SNLS214H – APRIL 2006 – REVISED MARCH 2013
APPLICATION INFORMATION
GENERAL DESCRIPTION
The LMH1981 is designed to extract the timing information from various video formats with vertical serration and
output the syncs and relevant timing signals in CMOS logic. Its high performance, advanced features and easy
application make it ideal for broadcast and professional video systems where low jitter is a crucial parameter.
The device can operate from a supply voltage between 3.3V and 5V. The only required external components are
bypass capacitors at the power supply pins, an input coupling capacitor at pin 4, and a precision REXT resistor at
pin 1. Refer to the test circuit in Figure 2.
REXT Resistor
The REXT external resistor establishes the internal bias current and precise reference voltage for the LMH1981.
For optimal performance, REXT should be a 10 kΩ 1% precision resistor with a low temperature coefficient to
ensure proper operation over a wide temperature range. Using a REXT resistor with less precision may result in
reduced performance (like worse jitter performance, increased propagation delay variation, or reduced input sync
amplitude range) against temperature, supply voltage, input signal, or part-to-part variations.
NOTE
The REXT resistor serves a different function than the “RSET resistor” used in the LM1881
sync separator. In the older LM1881, the RSET value was adjusted to accommodate
different input line rates. For the LMH1981, the REXT value is fixed, and the device
automatically detects the input line rate to support various video formats without electrical
or physical intervention.
Automatic Format Detection and Switching
Automatic format detection eliminates the need for external programming via a microcontroller or RSET resistor.
The device outputs will respond correctly to video format switching after a sufficient start-up time has been
satisfied. Unlike other sync separators, the LMH1981 does not require the power to be cycled in order to ensure
correct outputs after a significant change to the input signal. See START-UP TIME for more details.
50% Sync Slicing
The LMH1981 features 50% sync slicing on HSync to provide accurate sync separation for video input
amplitudes from 0.5 VPP to 2 VPP, which enables excellent HSync jitter performance even for improperly
terminated or attenuated source signals and stability against variations in temperature. The sync separator is
compatible with SD/EDTV bi-level and HDTV tri-level sync inputs. Bi-level syncs will be sliced at the 50% point
between the video blanking level and negative sync tip, indicated by the input's sync timing reference or “OH” in
Figure 9. Tri-level syncs will be sliced at the 50% point between the negative and positive sync tips (or positive
zero-crossing), indicated by OH in Figure 10.
VIDEO INPUT
The LMH1981 supports sync separation for CVBS, Y (luma) from Y/C and YPBPR and G (sync on green) from
GBR with either bi-level or tri-level sync, as specified in the following video standards.
•
Composite Video (CVBS) and S-Video (Y/C):
–
SDTV: SMPTE 170M (NTSC), ITU-R BT.470 (PAL)
•
Component Video (YPBPR/GBR):
–
SDTV: SMPTE 125M, SMPTE 267M, ITU-R BT.601 (480I, 576I)
–
EDTV: ITU-R BT.1358 (480P, 576P)
–
HDTV: SMPTE 296M (720P), SMPTE 274M (1080I/P), SMPTE RP 211 (1080PsF)
The LMH1981 does not support RGB formats that conform to VESA standards used for PC graphics.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com