Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60EPSPBF Datasheet(PDF) 2 Page - International Rectifier

Part # 60EPSPBF
Description  INPUT RECTIFIER DIODE Lead-Free
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60EPSPBF Datasheet(HTML) 2 Page - International Rectifier

  60EPSPBF Datasheet HTML 1Page - International Rectifier 60EPSPBF Datasheet HTML 2Page - International Rectifier 60EPSPBF Datasheet HTML 3Page - International Rectifier 60EPSPBF Datasheet HTML 4Page - International Rectifier 60EPSPBF Datasheet HTML 5Page - International Rectifier 60EPSPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
60EPS...PbF SAFE
IR Series
Bulletin I2175 rev A 07/06
www.irf.com
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC
Max. Thermal Resistance Junction
0.35
°C/W
DC operation
to Case
R
thJA
Max. Thermal Resistance Junction
40
°C/W
to Ambient
R
thCS
Typical Thermal Resistance, Case to
0.2
°C/W
Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
6 (0.21)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Case Style
TO-247AC
JEDEC (Modified)
Thermal-Mechanical Specifications
Parameters
60EPS..
Units
Conditions
Kg-cm
(Ibf-in)
Voltage Ratings
Part Number
V
RRM
, maximum
V
RSM
, maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
60EPS10PbF
1000
1100
1
60EPS12PbF
1200
1300
1
V
FM
Max. Forward Voltage Drop
1.09
V
@ 60A, T
J
= 25°C
r
t
Forward slope resistance
3.96
m
Ω
V
F(TO) Threshold voltage
0.74
V
I
RM
Max. Reverse Leakage Current
0.1
T
J
= 25 °C
1.0
T
J = 150 °C
Electrical Specifications
Parameters
60EPS..
Units
Conditions
T
J =
150°C
V
R
= rated V
RRM
mA
I
F(AV)
Max. Average Forward Current
60
A
@ T
C
= 118° C, 180° conduction half sine wave
I
FSM
Max. Peak One Cycle Non-Repetitive
950
10ms Sine pulse, rated VRRMapplied
Surge Current
1100
10ms Sine pulse, no voltage reapplied
I
2t
Max. I
2t for fusing
4512
10ms Sine pulse, rated V
RRM
applied
6300
10ms Sine pulse, no voltage reapplied
I
2
√t Max. I2√t for fusing
63000
A
2
√s
t = 0.1 to 10ms, no voltage reapplied
Absolute Maximum Ratings
Parameters
60EPS..
Units
Conditions
A
A
2s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com