Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12L080 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC12L080
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12L080 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC12L080 Datasheet HTML 17Page - Texas Instruments ADC12L080 Datasheet HTML 18Page - Texas Instruments ADC12L080 Datasheet HTML 19Page - Texas Instruments ADC12L080 Datasheet HTML 20Page - Texas Instruments ADC12L080 Datasheet HTML 21Page - Texas Instruments ADC12L080 Datasheet HTML 22Page - Texas Instruments ADC12L080 Datasheet HTML 23Page - Texas Instruments ADC12L080 Datasheet HTML 24Page - Texas Instruments ADC12L080 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
SCLK
SCSb
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
R/Wb
A3
A2
A1
A0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C7
C6
C5
C4
C3
C2
C1
C0
DDATA FIELDD
Reserved (3-bits)
(MSB)
(LSB)
DCOMMAND FIELDD
Address (4-bits)
Write DATA
SDI
SDO
Hi-Z
D7
D6
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
Data (8-bits)
Read DATA
DSingle Access CycleD
SVA-30206512
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
The enable pins are active in the serial mode to allow rapid power control. This can allow significant power
savings in applications like time division duplex receivers. It is not possible to disable the amplifiers using the SPI
bus, likewise the power control is not available on the SPI bus.
The CLK pin is the serial clock pin. It is used to register the input data that is presented on the SDI pin on the
rising edge; and to source the output data on the SDO pin on the falling edge. User may disable clock and hold it
in the low state, as long as the clock pulse-width minimum specification is not violated when the clock is enabled
or disabled.
The CSb pin is the chip select pin. The b indicates that this pin is actually a “NOT chip select” since the chip is
selected in the logic low state. Each assertion starts a new register access – i.e., the SDATA field protocol is
required. The user is required to deassert this signal after the 16th clock. If the CSb pin is deasserted before the
16th clock, no address or data write will occur. The rising edge captures the address just shifted-in and, in the
case of a write operation, writes the addressed register. There is a minimum pulse-width requirement for the
deasserted pulse – which is specified in the Electrical Specifications section.
The SDI pin is the input pin for the serial data. It must observe setup / hold requirements with respect to the
SCLK. Each cycle is 16-bits long.
The SDO pin is the data output pin. This output is normally at a high impedance state, and is driven only when
CSb is asserted. Upon CSb assertion, contents of the register addressed during the first byte are shifted out with
the second 8 SCLK falling edges. Upon power-up, the default register address is 00h. The SDO pin requires
external bias for clock speeds over 1MHz. See Figure 53 for details on sizing the external bias resistor. Because
the SDO pin is a high impedance pin, the board capacitance present at the pin will restrict data out speed that
can be achieved. For a RC limited circuit the frequency is ~ 1/ (2×Pi×RC). As shown in the figure resistor values
of 300 to 2000 Ohms are recommended.
Each serial interface access cycle is exactly 16 bits long as shown in Figure 52. Each signal's function is
described below. the read timing is shown in Figure 54, while the write timing is shown in Figure 55.
Figure 52. Serial Interface Protocol (SPI compatible)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com