Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL080 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC12DL080
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL080 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 9Page - Texas Instruments ADC12DL080 Datasheet HTML 10Page - Texas Instruments ADC12DL080 Datasheet HTML 11Page - Texas Instruments ADC12DL080 Datasheet HTML 12Page - Texas Instruments ADC12DL080 Datasheet HTML 13Page - Texas Instruments ADC12DL080 Datasheet HTML 14Page - Texas Instruments ADC12DL080 Datasheet HTML 15Page - Texas Instruments ADC12DL080 Datasheet HTML 16Page - Texas Instruments ADC12DL080 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
0
10
20
30
40
50
60
70
80
-2
-1
0
1
2
3
0
1
2
3
4
5
TIME (ns)
Output
A0 Pin
SVA-30206546
1
10
100
1000
-80
-70
-60
-50
-40
-30
-20
-10
FREQUENCY (MHz)
Maximum Gain
16dB Attenuation
SVA-30206541
0
10
20
30
40
50
60
70
80
-2
-1
0
1
2
3
0
1
2
3
4
5
TIME (ns)
Output
A2 Pin
SVA-30206544
0
10
20
30
40
50
60
70
80
-2
-1
0
1
2
3
0
1
2
3
4
5
TIME (ns)
Output
A1 Pin
SVA-30206545
0
10
20
30
40
50
60
70
80
-2
-1
0
1
2
3
0
1
2
3
4
5
TIME (ns)
Output
A4 Pin
SVA-30206542
0
10
20
30
40
50
60
70
80
-2
-1
0
1
2
3
0
1
2
3
4
5
TIME (ns)
Output
A3 Pin
SVA-30206543
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
TYPICAL CHARACTERISTICS (continued)
(TA = 25°C, V+ = 5V, RL = 200Ω, Maximum Gain, High Power, f= 200MHz; LMH6523 soldered onto LMH6523EVAL
evaluation board, Unless Specified).
Gain Step Timing, 16dB Step
Gain Step Timing, 8dB Step
Figure 32.
Figure 33.
Gain Step Timing, 4dB Step
Gain Step Timing, 2dB Step
Figure 34.
Figure 35.
Gain Step Timing, 1dB Step
CMRR vs Frequency
Figure 36.
Figure 37.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com