Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12C080 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC12C080
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080 Datasheet(HTML) 5 Page - Texas Instruments

  ADC12C080 Datasheet HTML 1Page - Texas Instruments ADC12C080 Datasheet HTML 2Page - Texas Instruments ADC12C080 Datasheet HTML 3Page - Texas Instruments ADC12C080 Datasheet HTML 4Page - Texas Instruments ADC12C080 Datasheet HTML 5Page - Texas Instruments ADC12C080 Datasheet HTML 6Page - Texas Instruments ADC12C080 Datasheet HTML 7Page - Texas Instruments ADC12C080 Datasheet HTML 8Page - Texas Instruments ADC12C080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LMH6523
www.ti.com
SNOSC88 – DECEMBER 2012
ELECTRICAL CHARACTERISTICS - 5V (continued)
The following specifications apply for single supply with V+ = 5V, Maximum Gain (0 Attenuation), RL = 200Ω, VOUT = 4VPPD,
fin = 200 MHz, High Power Mode, Boldface limits apply at temperature extremes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE PINS
VIL
Logic Input Low Voltage
Amplifier disabled
0
0.4
V
VIM
Logic Input Mid Level
Amplifier Low Power Mode
0.6
1.9
V
VIH
Logic Input High Level
Amplifier High Power Mode
2.2
5
V
VSB
Enable Pin Self Bias Voltage
No external load
1.37
V
IIL
Input Bias Current, Logic Low
Digital input voltage = 0.2V
–200
µA
IIM
Input Bias Current, Logic Mid
Digital input voltage = 1.5V
28
µA
IIH
Input Bias Current, Logic High
Digital input voltage = 3.0V
500
µA
PARALLEL MODE TIMING
tGS
Setup Time
3
ns
tGH
Hold Time
3
ns
SERIAL MODE
fCLK
SPI Clock Frequency
50% duty cycle, ATE tested at 20MHz
20
50
MHz
LOW POWER MODE
(Enable pins are self biased)
ICC
Total Supply Current
all four channels in low power mode
370
398
mA
IBIAS
Output Pin Bias Current
External Inductor, No Load, VOUT<200mV
26
mA
ICC
Disabled Supply Current
Enable Pin < 0.4V
74
mA
Output Intermodulation Intercept
OIP3
f = 200 MHz, VOUT = 4 dBm per tone
44
dBm
Point
P1dB
1dB Compression Point
16
dBm
f = 100 MHz, VOUT =2 VPPD
−90
dBc
HD2
Second Order Harmonic Distortion
f = 200 MHz, VOUT = 2 VPPD
−79
dBc
f = 100 MHz, VOUT = 2 VPPD
−91
dBc
HD3
Third Order Harmonic Distortion
f = 200 MHz, VOUT = 2 VPPD
−79
dBc
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com