Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08D500 Datasheet(PDF) 14 Page - Texas Instruments

Part # ADC08D500
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08D500 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC08D500 Datasheet HTML 10Page - Texas Instruments ADC08D500 Datasheet HTML 11Page - Texas Instruments ADC08D500 Datasheet HTML 12Page - Texas Instruments ADC08D500 Datasheet HTML 13Page - Texas Instruments ADC08D500 Datasheet HTML 14Page - Texas Instruments ADC08D500 Datasheet HTML 15Page - Texas Instruments ADC08D500 Datasheet HTML 16Page - Texas Instruments ADC08D500 Datasheet HTML 17Page - Texas Instruments ADC08D500 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
-30
-25
-20
-15
-10
-5
0
-4
0
4
8
12
16
20
INPUT POWER (dBm)
100 MHz
200 MHz
300 MHz
SVA-30206585
-30
-25
-20
-15
-10
-5
0
-4
0
4
8
12
16
20
INPUT POWER (dBm)
100 MHz
200 MHz
300 MHz
SVA-30206586
0
100
200
300
400
500
-100
-50
0
50
100
150
200
250
300
FREQUENCY (MHz)
Z = R + jX
R
jX
|Z|
SVA-30206575
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
150
FREQUENCY (MHz)
Z = R + jX
R
jX
|Z|
SVA-30206576
LMH6523
SNOSC88 – DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
(TA = 25°C, V+ = 5V, RL = 200Ω, Maximum Gain, High Power, f= 200MHz; LMH6523 soldered onto LMH6523EVAL
evaluation board, Unless Specified).
Input Impedance
Output Impedance
Figure 38.
Figure 39.
Power Sweep, High Power Mode
Power Sweep, Low Power Mode
Figure 40.
Figure 41.
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com