Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08060 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC08060
Description  High Performance Quad DVGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC08060 Datasheet HTML 6Page - Texas Instruments ADC08060 Datasheet HTML 7Page - Texas Instruments ADC08060 Datasheet HTML 8Page - Texas Instruments ADC08060 Datasheet HTML 9Page - Texas Instruments ADC08060 Datasheet HTML 10Page - Texas Instruments ADC08060 Datasheet HTML 11Page - Texas Instruments ADC08060 Datasheet HTML 12Page - Texas Instruments ADC08060 Datasheet HTML 13Page - Texas Instruments ADC08060 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
-4
0
4
8
12
16
20
-100
-90
-80
-70
-60
-50
-40
-30
-20
OUTPUT POWER (dBm)
High Power Mode
Low Power Mode
SVA-30206521
-4
0
4
8
12
16
20
-100
-90
-80
-70
-60
-50
-40
-30
-20
OUTPUT POWER (dBm)
High Power Mode
Low Power Mode
SVA-30206520
0
4
8
12
16
20
24
28
32
-90
-80
-70
-60
-50
-40
ATTENUATION (dB)
POUT = 4dBm
High Power Mode
Low Power Mode
SVA-30206563
0
4
8
12
16
20
24
28
32
-90
-80
-70
-60
-50
-40
ATTENUATION (dB)
POUT = 4dBm
High Power Mode
Low Power Mode
SVA-30206564
0
100
200
300
400
500
-90
-80
-70
-60
-50
-40
-30
-20
FREQUENCY (MHz)
POUT = 10dBm
Ch A
Ch B
Ch C
Ch D
SVA-30206527
0
100
200
300
400
500
-100
-90
-80
-70
-60
-50
-40
-30
FREQUENCY (MHz)
POUT = 10dBm
Ch A
Ch B
Ch C
Ch D
LMH6523
SNOSC88 – DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
(TA = 25°C, V+ = 5V, RL = 200Ω, Maximum Gain, High Power, f= 200MHz; LMH6523 soldered onto LMH6523EVAL
evaluation board, Unless Specified).
HD2 vs Frequency, Low Power Mode
HD3 vs Frequency, Low Power Mode
Figure 14.
Figure 15.
HD2 vs Attenuation
HD3 vs Attenuation
Figure 16.
Figure 17.
HD2 vs Output Power
HD3 vs Output Power
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMH6523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com