Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2231AMA/NOPB.A Datasheet(PDF) 22 Page - Texas Instruments

Part # LMP2231AMA/NOPB.A
Description  LMP2231 Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2231AMA/NOPB.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP2231AMA/NOPB.A Datasheet HTML 18Page - Texas Instruments LMP2231AMA/NOPB.A Datasheet HTML 19Page - Texas Instruments LMP2231AMA/NOPB.A Datasheet HTML 20Page - Texas Instruments LMP2231AMA/NOPB.A Datasheet HTML 21Page - Texas Instruments LMP2231AMA/NOPB.A Datasheet HTML 22Page - Texas Instruments LMP2231AMA/NOPB.A Datasheet HTML 23Page - Texas Instruments LMP2231AMA/NOPB.A Datasheet HTML 24Page - Texas Instruments LMP2231AMA/NOPB.A Datasheet HTML 25Page - Texas Instruments LMP2231AMA/NOPB.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
-
+
VOUT
V
-
V
+
99 k:
1 k:
1 k:
RL
OXYGEN SENSOR
LMP2231
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
PORTABLE GAS DETECTION SENSOR
Gas sensors are used in many different industrial and medical applications. They generate a current which is
proportional to the percentage of a particular gas sensed in an air sample. This current goes through a load
resistor and the resulting voltage drop is measured. Depending on the sensed gas and sensitivity of the sensor,
the output current can be in the order of tens of microamperes to a few milliamperes. Gas sensor datasheets
often specify a recommended load resistor value or they suggest a range of load resistors to choose from.
Oxygen sensors are used when air quality or oxygen delivered to a patient needs to be monitored. Fresh air
contains 20.9% oxygen. Air samples containing less than 18% oxygen are considered dangerous. Oxygen
sensors are also used in industrial applications where the environment must lack oxygen. An example is when
food is vacuum packed. There are two main categories of oxygen sensors, those which sense oxygen when it is
abundantly present (i.e. in air or near an oxygen tank) and those which detect traces of oxygen in ppm.
Figure 53 shows a typical circuit used to amplify the output of an oxygen detector. The LMP2231 makes an
excellent choice for this application as it only draws 10 µA of current and operates on supply voltages down to
1.8V. This application detects oxygen in air. The oxygen sensor outputs a known current through the load
resistor. This value changes with the amount of oxygen present in the air sample. Oxygen sensors usually
recommend a particular load resistor value or specify a range of acceptable values for the load resistor. Oxygen
sensors typically have a life of one to two years. The use of the micropower LMP2231 means minimal power
usage by the op amp and it enhances the battery life. Depending on other components present in the circuit
design, the battery could last for the entire life of the oxygen sensor. The precision specifications of the
LMP2231, such as its very low offset voltage, low TCVOS , low input bias current, low CMRR, and low PSRR are
other factors which make the LMP2231 a great choice for this application.
Figure 53. Precision Oxygen Sensor
22
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com