Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAR46 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAR46
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAR46 Datasheet(HTML) 1 Page - STMicroelectronics

  BAR46 Datasheet HTML 1Page - STMicroelectronics BAR46 Datasheet HTML 2Page - STMicroelectronics BAR46 Datasheet HTML 3Page - STMicroelectronics BAR46 Datasheet HTML 4Page - STMicroelectronics BAR46 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAR46
BAR46A
®
June 1999 - Ed: 2A
SMALL SIGNAL SCHOTTKY DIODES
SOT-23
(Plastic)
High voltage Schottky rectifier suited for SLIC pro-
tection during the card insertion operation.
DESCRIPTION
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF
Continuous forward current
150
mA
Ptot
Power dissipation (note 1)
Tamb = 25
°C
230
mW
Tstg
Maximum storage temperature range
- 65 to +150
°C
Tj
Maximum operating junction temperature *
150
°C
TL
Maximum temperature for soldering during 10s
260
°C
Note 1: for double diodes, Ptot is the total dissipation of both diodes.
ABSOLUTE RATINGS(limiting values)
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction-ambient *
500
°C/W
* Mounted on epoxy board, with recommended pad layout.
THERMAL RESISTANCE
K
N.C.
A
A
K1
K2
BAR46
BAR46A
*:
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
VERY SMALL CONDUCTION LOSSES
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD VOLTAGE DROP
SURFACE MOUNT DEVICE
FEATURES AND BENEFITS
1/5


Similar Part No. - BAR46

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAR46 STMICROELECTRONICS-BAR46 Datasheet
495Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Sep-2002
BAR46AFILM STMICROELECTRONICS-BAR46AFILM Datasheet
495Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Sep-2002
BAR46FIL STMICROELECTRONICS-BAR46FIL Datasheet
495Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Sep-2002
More results

Similar Description - BAR46

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com