Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201G Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # HER201G
Description  CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

HER201G Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  HER201G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. HER201G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
(NOTE2)
OSCILLOSCOPE
(NOTE1)
1W
NON IN-
DUCTIVE
50W
NON INDUCTIVE
10W
NON INDUCTIVE
D.U.T.
50Vdc
(APPROX)
( + )
Trr
1cm
SET TIME BASE FOR 20/30 ns/cm
NOTES : 1.Rise Time=7ns max. input impedance=1
megohm 22pF
2.Rise Time=10ns max. source impedance
= 50 ohms
-1.0A
+0.5A
0
-0.25A
( )
FIG.3-TYPICAL FORWARD CHARACTERISTICS
1
10
0.01
0.001
0.1
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TA=25℃
PULSE WIDTH=300
mS
1% DUTY CYCLE
1.2
0.4
0.6
1.4
1.0
0.8
0
0.2
1.8
1.6
FIG.5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
100
50
10
8.3m SINGLE HALF SINE WAVE
(JEDEC Method)
TA=25℃
5
20
30
40
50
60
70
10
FIG6-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
TJ=25℃
0
25
100
125
75
50
175
150
10
0.1
50
5
20
0.5
2
1
200
100
1000
HER201G-HER206G
HER207G-HER208G
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
100
0
20
120
80
60
40
140
1000
1.0
10
100
0.1
TA=25℃
TA=125℃
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
125
0
25
150
100
75
50
175
AMBIENT TEMPERATURE ( ℃)
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0.375"(9.5mm) LEAD LENGTH
0
3.0
2.0
1.0
RATINGS AND CHARACTERISTIC CURVES HER201G THRU HER208G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com