Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAR43C Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAR43C
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAR43C Datasheet(HTML) 3 Page - STMicroelectronics

  BAR43C Datasheet HTML 1Page - STMicroelectronics BAR43C Datasheet HTML 2Page - STMicroelectronics BAR43C Datasheet HTML 3Page - STMicroelectronics BAR43C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
5
10
15
20
25
30
1E-2
1E-1
1E+0
1E+1
1E+2
VR(V)
IR(
µA)
Tj=50
°C
Tj=25
°C
Tj=100
°C
Fig. 2: Reverse leakage current versus reverse
voltage applied (typical values).
0
25
50
75
100
125
150
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
Tj(
°C)
IR(
µA)
VR=30V
Fig. 3: Reverse leakage current versus junction
temperature.
12
5
10
20
30
1
2
5
10
VR(V)
C(pF)
F=1MHz
Tj=25
°C
Fi g . 4: Junction capacitance versus reverse
voltage applied (typical values).
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
0.01
0.10
1.00
tp(s)
Zth(j-a)/Rth(j-a)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 5: Relative variation of thermal impedance
junction to ambient versus pulse duration (epoxy
FR4 with recommended pad layout, e(Cu)=35
µm).
0
5
10
15
20
25
30
35
40
45
50
150
200
250
300
350
S(Cu) (mm )
Rth(j-a) (
°C/W)
P=0.25W
Fig. 6: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy
printedcircuit board FR4, copper thickness:35
µm).
BAR 42/BAR 43, A, C, S
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com