Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPC50APBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFPC50APBF
Description  HEXFET짰Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPC50APBF Datasheet(HTML) 1 Page - International Rectifier

  IRFPC50APBF Datasheet HTML 1Page - International Rectifier IRFPC50APBF Datasheet HTML 2Page - International Rectifier IRFPC50APBF Datasheet HTML 3Page - International Rectifier IRFPC50APBF Datasheet HTML 4Page - International Rectifier IRFPC50APBF Datasheet HTML 5Page - International Rectifier IRFPC50APBF Datasheet HTML 6Page - International Rectifier IRFPC50APBF Datasheet HTML 7Page - International Rectifier IRFPC50APBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
TO-247AC
07/30/04
IRFPC50APbF
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply ( SMPS )
l Uninterruptable Power Supply
l High speed power switching
l Lead-Free
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss specified (
See AN 1001)
VDSS
Rds(on) max
ID
600V
0.58
Ω
11A
Typical SMPS Topology:
l PFC Boost
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
11
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
7.0
A
IDM
Pulsed Drain Current

44
PD @TC = 25°C
Power Dissipation
180
W
Linear Derating Factor
1.4
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.9
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Notes  through … are on page 8
PD- 95666


Similar Part No. - IRFPC50APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPC50APBF VISHAY-IRFPC50APBF Datasheet
893Kb / 8P
Power MOSFET
26-Jun-08
IRFPC50APBF VISHAY-IRFPC50APBF Datasheet
224Kb / 11P
Power MOSFET
14-Mar-11
More results

Similar Description - IRFPC50APBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
HEXFET짰Power MOSFET
IRFPS40N50LPBF IRF-IRFPS40N50LPBF Datasheet
152Kb / 8P
HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com