Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC8005 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # KBPC8005
Description  CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBPC8005 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  KBPC8005 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBPC8005 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC8005 THRU KBPC810
Features
Mechanical Data
· Diffused Junction
· High Current Capability
· Surge Overload Rating to 125A Peak
· High Case Dielectric Strength of 1500V
· Ideal for Printed Circuit Board Applications
· Plastic Material - UL Flammability Classification 94V-0
Maximum Ratings And Electrical Characteristics
· Case : Molded Plastic
· Terminals : Plated Leads Solderable per
MIL-STD-202, Method 208
· Polarity : Marked on Body
· Mounting : Through Hole for #6 Screw
· Mounting Torque : 5.0 Inch-pounds Maximum
· Weight : 5.4 grams (approx.)
· Marking : Type Number
(Ratings at 25
℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 8.0 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Mounted on metal chassis.
(2) Mounted on PC board FR-4 material.
(3) Non-repetitive, for t > 1.0ms and < 8.3ms.
(4) Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
Peak Repetitive Reverse voltage
Working Peak Reverse voltage
DC Blocking voltage
RMS Reverse voltage
Average Rectified
Output Current
(Note 1)
(Note 2)
Non-Repetitive Peak Forward Surge Current,
8.3ms single half-sine-wave superimposed
on rated load (JEDEC method)
Volts
Forward voltage (per element)
@ IF=4.0 A
VRMM
VRWM
VR
50
Volts
Symbols
Units
1.1
VFM
VR(RMS)
8.0
6.0
Amps
125
IFSM
Tj
TSTG
1.0
-65 to +125
℃
Amps
Peak Reverse Current at Rated
DC Blocking voltage (per element)
I2t Rating for Fusing (t<8.3ms) (Note 3)
Typical Junction Capacitance (Note 4)
Operating and Storage Temperature Range
KBPC
8005
KBPC
801
KBPC
802
KBPC
804
KBPC
806
KBPC
808
KBPC
810
35
10
64
100
100
70
200
140
400
280
600
420
800
560
1000
700
Volts
μA
mA
A2S
℃/W
pF
Io
IR
Cj
I2t
R
θJA
@ TC=25
℃
@ TC=100
℃
Typical Thermal Resistance,
Junction to Case (per element)
9.4
@ TC=50
℃
@ TC=50
℃
A
E
G
H
C
B
A
D
AC
AC
+
-
K B P C -8
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
22.20
D
1.27 O
/ Typical
E
5.33
7.37
G
3.60 O
/
4.00 O
/
H
12.70 T ypical
J
2.38 X 45
o Typical
A ll Dimens ions in mm


Similar Part No. - KBPC8005

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC8005 SEMTECH-KBPC8005 Datasheet
126Kb / 2P
8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC8005 SSE-KBPC8005 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC8005 CHENYI-KBPC8005 Datasheet
148Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC8005 DCCOM-KBPC8005 Datasheet
370Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBPC8005 FUJI-KBPC8005 Datasheet
799Kb / 1P
8 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC8005

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
8A05 DAESAN-8A05 Datasheet
138Kb / 1P
CURRENT 8.0 Amperes VOLTAGE 50 TO 100 VOLTS
HEP801 DAESAN-HEP801 Datasheet
256Kb / 2P
CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
SFP81 DAESAN-SFP81 Datasheet
283Kb / 2P
CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
HER801 DAESAN-HER801 Datasheet
304Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
FP801 DAESAN-FP801 Datasheet
321Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
KBU8A DAESAN-KBU8A Datasheet
181Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
SF81 DAESAN-SF81 Datasheet
324Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 600 Volts
logo
WILLAS ELECTRONIC CORP
BR805 WILLAS-BR805 Datasheet
267Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
RS801 WILLAS-RS801 Datasheet
996Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com