Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005M Datasheet(PDF) 3 Page - ON Semiconductor

Part # DF005M
Description  Bridge Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DF005M Datasheet(HTML) 3 Page - ON Semiconductor

  DF005M Datasheet HTML 1Page - ON Semiconductor DF005M Datasheet HTML 2Page - ON Semiconductor DF005M Datasheet HTML 3Page - ON Semiconductor DF005M Datasheet HTML 4Page - ON Semiconductor DF005M Datasheet HTML 5Page - ON Semiconductor DF005M Datasheet HTML 6Page - ON Semiconductor DF005M Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DF005M - DF10M Rev. 3.3
2
Thermal Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
1. Device mounted on PCB with 0.5 inch
× 0.5 inch (13 mm × 13 mm).
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
PD
Power Dissipation
3.1
W
RθJA
Thermal Resistance, Junction-to-Ambient(1), per Leg
40
°C/W
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VF
Forward Voltage, per Element
IF = 1.0 A
1.1
V
IR
Reverse Current, per Element at Rated VR
TA = 25°C5.0
μA
TA = 125°C500
I2t
Rating for Fusing (t < 8.35 ms)
10
A2s
CJ
Typical Capacitance, per Leg
VR = 4.0 V,
f = 1.0 MHz
25
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com