Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF08M Datasheet(PDF) 4 Page - ON Semiconductor

Part # DF08M
Description  Bridge Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DF08M Datasheet(HTML) 4 Page - ON Semiconductor

  DF08M Datasheet HTML 1Page - ON Semiconductor DF08M Datasheet HTML 2Page - ON Semiconductor DF08M Datasheet HTML 3Page - ON Semiconductor DF08M Datasheet HTML 4Page - ON Semiconductor DF08M Datasheet HTML 5Page - ON Semiconductor DF08M Datasheet HTML 6Page - ON Semiconductor DF08M Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DF005M - DF10M Rev. 3.3
3
Typical Performance Characteristics
Figure 1. Non-Repetitive Surge Current
Figure 2. Forward Current Derating Curve
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs. Reverse Voltage
12
5
10
20
50
100
0
10
20
30
40
50
Number of Cycles at 60Hz
20
40
60
80
100
120
140
160
0
0.5
1
1.5
Ambient Temperature [ºC]
0.4
0.6
0.8
1
1.2
1.4
0.01
0.1
1
10
Forward Voltage, V
F [V]
T = 25 C
º
A
Pulse Width = 200
μμμμs
μs
0
204060
80
100
120
140
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage [%]
T = 100 C
º
A
T = 25 C
º



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com