Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7909CT Datasheet(PDF) 13 Page - ON Semiconductor

Part # LM7909CT
Description  3-Terminal 1A Negative Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7909CT Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LM7909CT Datasheet HTML 9Page - ON Semiconductor LM7909CT Datasheet HTML 10Page - ON Semiconductor LM7909CT Datasheet HTML 11Page - ON Semiconductor LM7909CT Datasheet HTML 12Page - ON Semiconductor LM7909CT Datasheet HTML 13Page - ON Semiconductor LM7909CT Datasheet HTML 14Page - ON Semiconductor LM7909CT Datasheet HTML 15Page - ON Semiconductor LM7909CT Datasheet HTML 16Page - ON Semiconductor LM7909CT Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LM79XX
12
Typical Applications
Figure 6. Negative Fixed output regulator
Figure 7. Split power supply ( ± 12V/1A)
Notes:
(1) To specify an output voltage, substitute voltage value for "XX "
(2) Required for stability. For value given, capacitor must be solid tantalum. If aluminium electronics are used, at least ten times
value shown should be selected. CI is required if regulator is located an appreciable distance from power supply filter.
(3) To improve transient response. If large capacitors are used, a high current diode from input to output (1N400l or similar)
should be introduced to protect the device from momentary input short circuit.
2.2
μF
2
- VI
- VO
KA79XX
1
3
++ 1μF
CI
CO
Input
Output
LM79XX
1N4001
2.2
μF
2
- 15V
-12V
KA7912
1
3
++
1
μF
0.33
μF
+
KA7812
+ 15V
+12V
+
1
μF
1
2
3
1N4001
GND
*
*
MC7812
LM7912
Co
Co
C1
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com