Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7910CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM7910CT
Description  3-Terminal 1A Negative Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7910CT Datasheet(HTML) 2 Page - ON Semiconductor

  LM7910CT Datasheet HTML 1Page - ON Semiconductor LM7910CT Datasheet HTML 2Page - ON Semiconductor LM7910CT Datasheet HTML 3Page - ON Semiconductor LM7910CT Datasheet HTML 4Page - ON Semiconductor LM7910CT Datasheet HTML 5Page - ON Semiconductor LM7910CT Datasheet HTML 6Page - ON Semiconductor LM7910CT Datasheet HTML 7Page - ON Semiconductor LM7910CT Datasheet HTML 8Page - ON Semiconductor LM7910CT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
©2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3
Features
• Output Current in Excess of 1A
• Output Voltages of -5, -6, -8 , -9, -10, -12, -15, -18 and -
24V
• Internal Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area Compensation
Description
The LM79XX series of three terminal negative regulators
are available in TO-220 package and with several fixed
output voltages, making them useful in a wide range
of applications. Each type employs internal current limiting,
thermal shut down and safe operating area protection,
making it essentially indestructible.
TO-220 (Single Gauge)
1. GND 2. Input 3. Output
1
Vin
Internal Block Digram
VOLTAGE
REFERENCE
+
-
PROTECTION
CIRCUITRY
R1
R2
Rsc
GND
I1
I2
Out
In
Q1
Q2
Output
Input
LM79XX
3-Terminal 1A Negative Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com