Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7905CT.. Datasheet(PDF) 12 Page - ON Semiconductor

Part # LM7905CT..
Description  3-Terminal 1A Negative Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7905CT.. Datasheet(HTML) 12 Page - ON Semiconductor

Back Button LM7905CT.. Datasheet HTML 8Page - ON Semiconductor LM7905CT.. Datasheet HTML 9Page - ON Semiconductor LM7905CT.. Datasheet HTML 10Page - ON Semiconductor LM7905CT.. Datasheet HTML 11Page - ON Semiconductor LM7905CT.. Datasheet HTML 12Page - ON Semiconductor LM7905CT.. Datasheet HTML 13Page - ON Semiconductor LM7905CT.. Datasheet HTML 14Page - ON Semiconductor LM7905CT.. Datasheet HTML 15Page - ON Semiconductor LM7905CT.. Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
LM79XX
11
Typical Performance Characteristics
Figure 1. Output Voltage
Figure 3. Quiescent Current
Figure 5. Short Circuit Current
Figure 2. Load Regulation
Figure 4. Dropout Voltage
4.8
4.85
4.9
4.95
5
5.05
5.1
-40
-25
0
25
50
75
100
125
Vin=10V
Io=40mA
Vin=25V
Io=100mA
Ou
tp
ut
Vo
lta
ge
[-
V]
TA, Ambient Temperature [ oC]
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40
-25
0
25
50
75
100
125
TA, Ambient Temperature [oC]
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
-40
-25
0
25
50
75
100
125
Sh
ort
Cir
cui
t
Cu
rre
nt
[A]
TA, Ambient Temperature [
oC]
-5
-3
-1
1
3
5
7
9
11
13
15
-40
-25
0
25
50
75
100
125
Io=0.75A
Io=1.5A
Lo
ad
Re
gul
ati
on
[m
V]
TA, Ambient Temperature [ oC]
0
0.5
1
1.5
2
2.5
3
3.5
4
-40
-25
0
25
50
75
100
125
Io=1A
TA, Ambient Temperature [oC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com