Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2234AMA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP2234AMA/NOPB
Description  LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2234AMA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP2234AMA/NOPB Datasheet HTML 1Page - Texas Instruments LMP2234AMA/NOPB Datasheet HTML 2Page - Texas Instruments LMP2234AMA/NOPB Datasheet HTML 3Page - Texas Instruments LMP2234AMA/NOPB Datasheet HTML 4Page - Texas Instruments LMP2234AMA/NOPB Datasheet HTML 5Page - Texas Instruments LMP2234AMA/NOPB Datasheet HTML 6Page - Texas Instruments LMP2234AMA/NOPB Datasheet HTML 7Page - Texas Instruments LMP2234AMA/NOPB Datasheet HTML 8Page - Texas Instruments LMP2234AMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
LMP2234
www.ti.com
SNOSAW4D – SEPTEMBER 2007 – REVISED MARCH 2013
LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
Check for Samples: LMP2234
1
FEATURES
DESCRIPTION
The LMP2234 is a quad micropower precision
23
(For VS = 5V, Typical Unless Otherwise Noted)
amplifier designed for battery powered applications.
•
Supply Current at 1.8V 31 µA
The 1.6 to 5.5V operating supply voltage range and
•
Operating Voltage Range 1.6V to 5.5V
quiescent power consumption of only 50
μW extend
the battery life in portable systems. The LMP2234 is
•
Low TCVOS ±0.75 µV/°C (max)
part of the LMP™ precision amplifier family. The high
•
VOS ±150 µV (max)
impedance
CMOS
input
makes
it
ideal
for
•
Input Bias Current ±20 fA
instrumentation
and
other
sensor
interface
applications.
•
PSRR 120 dB
•
CMRR 97 dB
The LMP2234 has a maximum offset voltage of 150
μV and 0.3 μV/°C offset drift along with low bias
•
Open Loop Gain 120 dB
current of only ±20 fA. These precise specifications
•
Gain Bandwidth Product 130 kHz
make the LMP2234 a great choice for maintaining
•
Slew Rate 58 V/ms
system accuracy and long term stability.
•
Input Voltage Noise, f = 1 kHz 60 nV/
√Hz
The LMP2234 has a rail-to-rail output that swings 15
•
Temperature Range –40°C to 125°C
mV from the supply voltage, which increases system
dynamic range. The common mode input voltage
range extends 200 mV below the negative supply,
APPLICATIONS
thus the LMP2234 is ideal for ground sensing in
•
Precision Instrumentation Amplifiers
single supply applications.
•
Battery Powered Medical Instrumentation
The LMP2234 is offered in 14-Pin SOIC and TSSOP
•
High Impedance Sensors
packages.
•
Strain Gauge Bridge Amplifier
•
Thermocouple Amplifiers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP2234AMA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2234AMA/NOPB TI-LMP2234AMA/NOPB Datasheet
1Mb / 31P
LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234AMA/NOPB TI1-LMP2234AMA/NOPB Datasheet
1Mb / 31P
Quad Micropower, 1.6V, Precision, Operational Amplifier
More results

Similar Description - LMP2234AMA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
LMP2232 NSC-LMP2232 Datasheet
802Kb / 20P
Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
LMP2231_0812 NSC-LMP2231_0812 Datasheet
802Kb / 20P
Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232_0812 NSC-LMP2232_0812 Datasheet
803Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234_0812 NSC-LMP2234_0812 Datasheet
856Kb / 20P
Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
LMP2234 TI-LMP2234_13 Datasheet
1Mb / 31P
LMP2234 Quad Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2231 TI-LMP2231_15 Datasheet
1Mb / 31P
Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
LMP2232 TI1-LMP2232_15 Datasheet
1Mb / 31P
Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
Quad Micropower, 1.6V, Precision, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com