Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7731MF/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMP7731MF/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7731MF/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMP7731MF/NOPB Datasheet HTML 1Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 2Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 3Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 4Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 5Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 6Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 7Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 8Page - Texas Instruments LMP7731MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LMP7731
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
Inputs pins only
2000V
All other pins
2000V
Machine Model
200V
Charge Device Model
1000V
VIN Differential
±2V
Supply Voltage (VS = V
+ – V−)
6.0V
Storage Temperature Range
−65°C to 150°C
Junction Temperature (4)
+150°C max
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead Temp. (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC)Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
Operating Ratings
(1)
Temperature Range
−40°C to 125°C
Supply Voltage (VS = V
+ – V–)
1.8V to 5.5V
Package Thermal Resistance (
θJA)
5-Pin SOT-23
265°C/W
8-Pin SOIC
190°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics Tables.
2.5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 2.5V, V− = 0V, V
CM = V
+/2, R
L >10 kΩ to V
+/2. Boldface
limits apply at the temperature extremes.
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
±500
VCM = 2.0V
±9
±600
Input Offset Voltage
VOS
μV
(4)
±500
VCM = 0.5V
±9
±600
VCM = 2.0V
±0.5
±5.5
Input Offset Voltage Temperature
TCVOS
μV/°C
Drift
VCM = 0.5V
±0.2
±5.5
±30
VCM = 2.0V
±1
±45
IB
Input Bias Current
nA
±50
VCM = 0.5V
±12
±75
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. Absolute maximum Ratings indicate junction temperature limits beyond which the
device maybe permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Ambient production test is performed at 25°C with a variance of ±3°C.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com