Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

321LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 321LP4E
Description  GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

321LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  321LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8
8 - 162
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Bias Voltage & Current
Control Voltages
Note:
DC blocking capacitors are required at ports RFC and
RF1, 2, 3, 4, 5, 6, 7, 8. Their value will determine the lowest
transmission frequency.
Vdd Range = +5.0 Vdc ± 10%
Vdd
(Vdc)
Idd (Typ.)
(mA)
Idd (Max.)
(mA)
+5.0
5.0
9.0
State
Bias Condition
Low
0 to +0.8 Vdc @ 5 uA Typical
High
+2.0 to +5.0 Vdc @ 25 uA Typical
Control Input
Signal Path State
AB
C
RFCOM to:
Low
Low
Low
RF1
High
Low
Low
RF2
Low
High
Low
RF3
High
High
Low
RF4
Low
Low
High
RF5
High
Low
High
RF6
Low
High
High
RF7
High
High
High
RF8
HMC321LP4 / 321LP4E
GaAs MMIC SP8T NON-REFLECTIVE
POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
v03.0805



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com