Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4951CM/NOPB.B Datasheet(PDF) 13 Page - Texas Instruments

Part # LP4951CM/NOPB.B
Description  LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP4951CM/NOPB.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP4951CM/NOPB.B Datasheet HTML 9Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 10Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 11Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 12Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 13Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 14Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 15Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 16Page - Texas Instruments LP4951CM/NOPB.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LP4950C-5V, LP4951C
www.ti.com
SNVS208C – SEPTEMBER 2002 – REVISED APRIL 2013
*See Application Hints
.
. **Drive with TTL-high to shut down. Ground or leave open if shutdown feature is not to be used.
.
Note: Pins 2 and 6 are left open.
Figure 37. Adjustable Regulator (LP4951C)
REDUCING OUTPUT NOISE
In reference applications it may be advantageous to reduce the AC noise present at the output. One method is to
reduce the regulator bandwidth by increasing the size of the output capacitor. This is the only way noise can be
reduced on the 3 lead LP4950C but is relatively inefficient, as increasing the capacitor from 1
μF to 220μF only
decreases the noise from 430
μV to 160μV rms for a 100kHz bandwidth at 5V output.
Noise can be reduced fourfold by a bypass capacitor across R1, since it reduces the high frequency gain from 4
to unity. Pick
(2)
or about 0.01
μF. When doing this, the output capacitor must be increased to 3.3μF to maintain stability. These
changes reduce the output noise from 430
μV to 100μV rms for a 100kHz bandwidth at 5V output. With the
bypass capacitor added, noise no longer scales with output voltage so that improvements are more dramatic at
higher output voltages.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP4950C-5V LP4951C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com