Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5562 Datasheet(PDF) 42 Page - Texas Instruments

Part # LP5562
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 38Page - Texas Instruments LP5562 Datasheet HTML 39Page - Texas Instruments LP5562 Datasheet HTML 40Page - Texas Instruments LP5562 Datasheet HTML 41Page - Texas Instruments LP5562 Datasheet HTML 42Page - Texas Instruments LP5562 Datasheet HTML 43Page - Texas Instruments LP5562 Datasheet HTML 44Page - Texas Instruments LP5562 Datasheet HTML 45Page - Texas Instruments LP5562 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
42
LP5562
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8.2.2.5 Light Engine Configuration
Sample code for 100% to 0% duty blinking LED function is shown in Table 46.
Table 46. LED Function Sample Codes
ADDRESS
VALUE
COMMENTS
Engine 1 Section Start
0
40FF
Loop1
set_pwm 255
1
4D00
wait 200
2
4000
set_pwm 0
3
6000
wait 500
4
A200
branch 4, loop1
5
D000
end, i
Engine 2 Section Start
10
40FF
Loop2
set_pwm 255
11
4D00
wait 200
12
4000
set_pwm 0
13
6000
wait 500
14
A290
branch 5, loop2
15
D000
end, i
Engine 3 Section Start
20
40FF
Loop3
set_pwm 255
21
4D00
wait 200
22
4000
set_pwm 0
23
6000
wait 500
24
A320
branch 6, loop3
25
D000
end, i
8.2.3 Application Curve
External Clock
PS. Blink-Program
Figure 45. LED Driver Current Accuracy vs RGBW Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com