Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT42 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT42
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT42 Datasheet(HTML) 2 Page - STMicroelectronics

  BAT42 Datasheet HTML 1Page - STMicroelectronics BAT42 Datasheet HTML 2Page - STMicroelectronics BAT42 Datasheet HTML 3Page - STMicroelectronics BAT42 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
* Pulse test: tp
≤ 300µs δ < 2%.
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
VBR
Tj = 25
°CIR = 100µA
30
V
VF*
Tj =25
°C
IF = 200mA
All Types
1
V
Tj =25
°C
IF = 10mA
BAT 42
0.4
Tj =25
°C
IF = 50mA
0.65
Tj =25
°C
IF = 2mA
BAT 43
0.26
0.33
Tj =25
°C
IF = 15mA
0.45
IR*
Tj =25
°C
VR = 25V
0.5
µA
Tj = 100
°C
100
STATIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
C
Tj =25
°CVR =1V
f = 1MHz
7pF
trr
Tj = 25
°CIF = 10mA IR = 10mA irr = 1mA
RL = 100
Ω
5ns
hTj =25
°CRL = 15KΩ CL = 300pF f = 45MHz Vi =2V
80
%
DYNAMIC CHARACTERISTICS
2/4
Figure 1. Forward current versus forward
voltage at different temperatures (typical
values).
Figure 2. Forward current versus forward
voltage (typical values).
®
BAT 42/BAT 43



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com