Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

200 Datasheet(PDF) 2 Page - Staco Energy Products Co.

Part # 200
Description  Variable Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STACOENERGY [Staco Energy Products Co.]
Direct Link  https://www.stacoenergy.com/
Logo STACOENERGY - Staco Energy Products Co.

200 Datasheet(HTML) 2 Page - Staco Energy Products Co.

  200 Datasheet HTML 1Page - Staco Energy Products Co. 200 Datasheet HTML 2Page - Staco Energy Products Co. 200 Datasheet HTML 3Page - Staco Energy Products Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100/200 Series
These manually operated panel mounted units are available in
single and three phase models from 0.8 to 3.0 amperes. The
171, 201, 221-B and 291 units operate from 120 volt input,
while the 252 unit operates from a 240 volt input. STACO’s coil
tapping arrangement permits an output voltage from 0 to line
voltage in either the clockwise or counterclockwise direction
and from 0 to 10% above line voltage in the clockwise direc-
tion. Two and three ganged, manually operated units are avail-
able for increased single phase voltage ratings and for three
phase applications.
INPUT
OUTPUT
TERMINAL CONNECTIONS
CONSTANT
CONSTANT
SHAFT
(For increasing Voltage)
PART NO.
WIRING
VOLTS
HERTZ
VOLTS
CURRENT
IMPEDANCE
ROTATION
As Viewed from Base End
SCHE-
NET
LOAD
LOAD
FOR
MATIC
WT.
MAX
MAX
MAX
MAX
VOLTAGE
Input
Jumper•
Output
(Pg 8 & 9)
LBS.
AMPS
KVA
AMPS
KVA
INCREASE
Single
120
50/60
0-120
1.75
0.21
2.2
0.26
CW
1-2
—
1-3
171
Phase
CCW
1-2
—
2-3
1
2
60
0-132
1.75
0.23
–
–
CW
1-4
—
1-3
Single
50/60
0-240
1.75
0.42
2.2
0.53
CW
2-2
1-1
3-3
1&4
4 1/4
Phase
240
CCW
1-1
2-2
3-3
Series
60
0-264
1.75
0.46
–
–
CW
4-4
1-1
3-3
171-2
Three
50/60
0-120
1.75
0.36
2.2
0.46
CW
2-1-2
1-1
3-1-3
Phase
120++
—
—
CCW
1-2-1
2-2
3-2-3
1 & 5
4 1/4
Open
60
0-132
1.75
0.40
—
—
CW
4-1-4
1-1
3-1-3
Delta π
Three
CW
2-2-2
1-1-1
3-3-3
171-3
Phase
240++
60
0-240
1.75
0.73
2.2
0.92
CCW
1-1-1
2-2-2
3-3-3
1 & 6
6 1/2
Wye π
Single
50/60
0-120
2.0
0.24
2.5
0.30
CW
1-2
—
1-3
201
Phase
120
CCW
1-2
—
2-3
12
60
0-132
2.0
0.26
—
—
CW
1-4
—
1-3
Single
50/60
0-240
2.0
0.48
2.5
0.60
CW
2-2
1-1
3-3
Phase
240
CCW
1-1
2-2
3-3
1 & 4
4 1/4
Series
60
0-264
2.0
0.53
—
—
CW
4-4
1-1
3-3
201-2
Three
50/60
0-120
2.0
0.42
2.5
0.52
CW
2-1-2
1-1
3-1-3
Phase
120++
CCW
1-2-1
2-2
3-2-3
1 & 5
4 1/4
Open
60
0-132
2.0
0.46
—
—
CW
4-1-4
1-1
3-1-3
Delta π
Three
CW
2-2-2
1-1-1
3-3-3
201-3
Phase
240++
60
0-240
2.0
0.83
2.5
1.04
CCW
1-1-1
2-2-2
3-3-3
1 & 6
6 1/2
Wye π
Single
50/60
0-120
2.5
0.30
3.2
0.38
CW
1-2
—
1-3
221-B
Phase
120
CCW
1-2
—
2-3
1
2 1/2
60
0-132
2.5
0.33
—
—
CW
1-4
—
1-3
Single
50/60
0-240
2.5
0.60
3.2
0.77
CW
2-2
1-1
3-3
Phase
240
CCW
1-1
2-2
3-3
1 & 4
5 1/2
Series
60
0-264
2.5
0.66
—
—
CW
4-4
1-1
3-3
221-B-2
Three
CW
2-1-2
1-1
3-1-3
Phase
120++
50/60
0-120
2.5
0.52
3.2
0.67
CCW
1-2-1
2-2
3-2-3
1 & 5
5 1/2
Open
60
0-132
2.5
0.57
—
—
CW
4-1-4
1-1
3-1-3
Delta π
Three
CW
2-2-2
1-1-1
3-3-3
221-B-3
Phase
240++
60
0-240
2.5
1.04
3.2
1.33
CCW
1-1-1
2-2-2
3-3-3
1 & 6
8 1/4
Wye π
3PN221B
Single
120
60
0-132
2.50
0.33
—
—
CW
LINE CORD & RECEPTACLE
3
3
Phase
Single
50/60
0-240
0.8
0.19
1.0
0.24
CW
1-2
—
1-3
252
Phase
240
CCW
1-2
—
2-3
1
2 1/2
60
0-264
0.8
0.21
—
—
CW
1-4
—
1-3
Single
CW
2-2
1-1
3-3
Phase
480
50/60
0-480
0.8
0.38
1.0
0.48
CCW
1-1
2-2
3-3
1 & 4
5 1/2
Series
60
0-528
0.8
0.42
—
—
CW
4-4
1-1
3-3
252-2
Three
50/60
0-240
0.8
0.33
1.0
0.42
CW
2-1-2
1-1
3-1-3
Phase
240++
CCW
1-2-1
2-2
3-2-3
Open
60
0-264
0.8
0.37
—
—
CW
4-1-4
1-1
3-1-3
1 & 5
5 1/2
Delta π
Three
50/60
0-480
0.8
0.67
1.0
0.83
CW
2-2-2
1-1-1
3-3-3
252-3
Phase
480++
CCW
1-1-1
2-2-2
3-3-3
1 & 6
8 1/4
Wye π
60
0-528
0.8
0.73
—
—
CW
4-4-4
1-1-1
3-3-3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com