Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-0502D10R0QSWS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P-0502D10R0QSWS
Description  Commercial Thin Film Resistor, Surface Mount Chip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P-0502D10R0QSWS Datasheet(HTML) 1 Page - Vishay Siliconix

  P-0502D10R0QSWS Datasheet HTML 1Page - Vishay Siliconix P-0502D10R0QSWS Datasheet HTML 2Page - Vishay Siliconix P-0502D10R0QSWS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P-NS
www.vishay.com
Vishay Dale Thin Film
Revision: 02-May-16
1
Document Number: 60023
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Commercial Thin Film Resistor, Surface Mount Chip
For
applications
requiring
low
noise,
stability,
low
temperature coefficient of resistance, and low voltage
coefficient,
all
Vishay’s
proven
precision
thin
film
wraparound resistors will meet your exact requirements.
Manufactured with the same material and processes as QPL
and manufactured in a QPL facility.
CONSTRUCTION
FEATURES
• Moisture resistant (SPM) special passivation
method
• Non-standard values available
• Pre-tinned terminations over nickel barrier
(gold available)
• Very low noise and voltage coefficient
(< -35 dB, 0.1 ppm/V)
•Non-inductive
• Laser-trimmed tolerances to 0.02 %
• In-lot tracking less than 5 ppm/°C
• Epoxy bondable termination available
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Flame resistant UL 94 V-0
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
TYPICAL PERFORMANCE
Notes
(1) 0705 and 0805 are the same (only use 0805 when ordering)
(2) Values > 1M best TCR ± 25 ppm/°C
Actual Size
0505
Adhesion Layer
High Purity
Alumina Substrate
Nickel Barrier
Solder
Coating
Passivated Nichrome
Resistive Film
SPM Passivation
Enhancement
ABSOLUTE
TCR
25
TOL.
0.1
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Resistance Range
10
 to 6.19 M
-
TCR: Absolute
± 10 ppm/°C to 100 ppm/°C
-55 °C to +125 °C
Tolerance: Absolute
± 0.02 % to ± 5 %
+25 °C
Stability: Absolute
R ± 0.02 %
2000 h at 70 °C
Stability: Ratio
--
Voltage Coefficient
0.1 ppm/V (typical)
-
Working Voltage
75 V to 200 V
-
Operating Temperature Range
-55 °C to +155 °C
-
Storage Temperature Range
-55 °C to +155 °C
-
Noise
< -35 dB (typical)
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at +25 °C
COMPONENT RATINGS
CASE SIZE (1)
POWER RATING
(mW)
WORKING VOLTAGE
(V)
RESISTANCE RANGE (
)
 0.1 %
< 0.1 %
0402
50
75
24.9 to 100K
250 to 100K
0502
100
75
20 to 150K
250 to 150K
0505
150
75
20 to 301K
250 to 301K
0603
150
75
10 to 261K
250 to 261K
0705
250
100
10 to 475K
250 to 475K
0805
250
100
10 to 475K
250 to 475K
1005
250
100
10 to 649K
250 to 649K
1010
500
150
50 to 1M
250 to 1M
1206
400
200
10 to 1.5M (2)
250 to 1M
1505
400
150
10 to 1M
250 to 1M
2208
800
150
10 to 3.16M (2)
250 to 1M
2010
800
200
10 to 4.02M (2)
250 to 1M
2512
1000
200
10 to 6.19M (2)
250 to 1M


Similar Part No. - P-0502D10R0QSWS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-0-K-02 ETC1-P-0-K-02 Datasheet
211Kb / 1P
P-0-K-02
logo
BELIMO AIRCONTROLS (USA...
P-01RT-5B-0 BELIMO-P-01RT-5B-0 Datasheet
582Kb / 4P
Room Sensor Temperature
P-01RT-5L-0 BELIMO-P-01RT-5L-0 Datasheet
582Kb / 4P
Room Sensor Temperature
P-01RT-5M-0 BELIMO-P-01RT-5M-0 Datasheet
582Kb / 4P
Room Sensor Temperature
P-01RT-5Q-0 BELIMO-P-01RT-5Q-0 Datasheet
582Kb / 4P
Room Sensor Temperature
More results

Similar Description - P-0502D10R0QSWS

ManufacturerPart #DatasheetDescription
logo
RFE international
RMT06R-10K-B25 RFE-RMT06R-10K-B25 Datasheet
76Kb / 1P
SURFACE MOUNT RMT Series: Thin Film Chip Resistor RESISTORS
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
logo
Vishay Siliconix
P1206E3322BBT VISHAY-P1206E3322BBT Datasheet
94Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
27-Jun-13
PTN1206E3321BST1 VISHAY-PTN1206E3321BST1 Datasheet
93Kb / 4P
Commercial Thin Film Chip Resistor, Surface Mount Chip
07-Mar-12
PTN0805E1001BBT1 VISHAY-PTN0805E1001BBT1 Datasheet
93Kb / 4P
Commercial Thin Film Chip Resistor, Surface Mount Chip
07-Mar-12
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
PNS VISHAY-PNS Datasheet
93Kb / 3P
Commercial Thin Film Resistor, Surface Mount Chip
07-Aug-14
PTN VISHAY-PTN Datasheet
91Kb / 4P
Commercial Thin Film Chip Resistor,Surface Mount Chip
24-Aug-15
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com