Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4010DS Datasheet(PDF) 4 Page - Positronic.

Part # FC4010DS
Description  SCORPION MODULAR POWER, SIGNAL CONNECTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FC4010DS Datasheet(HTML) 4 Page - Positronic.

  FC4010DS Datasheet HTML 1Page - Positronic. FC4010DS Datasheet HTML 2Page - Positronic. FC4010DS Datasheet HTML 3Page - Positronic. FC4010DS Datasheet HTML 4Page - Positronic. FC4010DS Datasheet HTML 5Page - Positronic. FC4010DS Datasheet HTML 6Page - Positronic. FC4010DS Datasheet HTML 7Page - Positronic. FC4010DS Datasheet HTML 8Page - Positronic. FC4010DS Datasheet HTML 9Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Positronic
Scorpion General Information
connectpositronic.com
THE SCIENCE OF CERTAINTY
4
•
Series
•
Layout For more information, refer to pages 7-8
•
Body Style For more information, refer to page 6
•
Termination For more information, refer to page 8
•
Contact Gender
SP
Scorpion
1
Wire, order contacts separately
*1
3
Straight solder
38
Straight solder, high conductivity power contacts
93
Straight press-fit, for use with PCB not thinner than 2.29 [0.090]
*2
938
Straight press-fit, for use with PCB not thinner than 2.29 [0.090], high conductivity power contacts
*2
4
Right angle solder
48
Right angle solder, high conductivity power contacts
M
Male pin
F
Female socket, open and closed entry signal contacts
S
Female socket, PosiBand closed entry signal contacts
Skip this step, if no end modules are required
*1
Blind Mating
1
Blind mating, 3.80 [0.150] misalignment
2
Blind mating, 2.00 [0.079] misalignment
7
Blind mating, 2.00 [0.079] misalignment (use for code 0, BS or N in Mounting Options step)
8
Extreme blind mating, up to 3.90 [ 0.154] misalignment, up to 5º angular misalignment
Latching System
3
Locking latch, use with female free cable to male cable
4
Locking latch, use with male free cable to female panel mount (wire or PCB)
5
Locking latch, use with female free cable to male panel mount (wire or PCB)
Jackscrews
6
For use with jackscrew system
Contact Module
U
(1) #4 contact
R
(1) #8 contact
S
(2) #8 contacts
E
(2) #12 contacts
Y
(4) #12 contacts
A
(1) #16 contacts
B
(2) #16 contacts
C
(4) #16 contacts
D
(8) #16 contacts
X
(3) #18 contacts
Z
(6) #18 contacts
H
(4) #22 contacts
J
(8) #22 contacts
K
(12) #22 contacts
T
(24) #22 contacts
Hyperboloid
V
(10) Hyperboloid Ø0.60 [0.0236]
*1
W
(20) Hyperboloid Ø0.60 [0.0236]
*1
Keying
0
Keying module
Blank module
N
Spacer/blank
N2
Spacer/blank
N3
Spacer/blank
N4
Spacer/blank
N5
Spacer/blank
*2
One or more modules can be selected in this section to create desired contact layout
*1 To order contacts separately, see pages 11-13 for contact part numbers.
*2 For contacts size 8, 12, 16, 18 and 22 only. Contact Technical Sales for press-fit tooling part number.
*1 Unique high density contact design with machined pin diameter Ø0.60 [0.0236],
for straight and right angle (90°) PCB mount only. Contact Technical Sales for
availability of crimp terminal.
*2 For a backshell application, use code N5 next to each body style module.
*1 If using a backshell on this connector, you must choose N5 in Layout step as first and last modules and skip
the Body Style step. Consult Technical Sales for backshell availability for connector without end modules.
CREATE A PART
Mating connector part numbers will have the same letters in the same order. Female connector modules are placed right to left;
Male modules are placed left to right when viewed from their mating faces.
SP
1
UU
1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com